Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0076894A7HT15 Datasheet(PDF) 1 Page - Magnetics, a division of Spang & Co.

Part # 0076894A7HT15
Description  Kool Mµ® Hƒ Powder Cores
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETICS [Magnetics, a division of Spang & Co.]
Direct Link  https://www.mag-inc.com/
Logo MAGNETICS - Magnetics, a division of Spang & Co.

0076894A7HT15 Datasheet(HTML) 1 Page - Magnetics, a division of Spang & Co.

  0076894A7HT15 Datasheet HTML 1Page - Magnetics, a division of Spang & Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Kool Mµ Hƒ
Permeability
(µ)
60
(mm)
OD (A)
26.92
ID (B)
14.73
HT (C)
13.99
80%
50%
45
100
Curie Temp:
500°C
0%
43.6
40%
50.9
Max HT
20%
47.2
45%
51.8
25%
48.2
50%
53.0
30%
48.9
60%
55.1
35%
49.9
70%
57.6
Revision 2/24/2022
Core Marking
Uncoated
27.69
14.10
15.00
Packaging
Inductance
Grade
N/A
Volume Ve
(mm
3)
Coated Limits
Lot
Number
XXXXXX
Physical Characteristics
Coating
Color
Part
Number
min
max
Dimensions
Black
Cardboard cut-outs
Box Qty = 320 pcs
94 ± 8%
76894A7HT15
(mm)
AL
(nH/T
2)
(in)
1.060
0.580
0.551
Window
Area
Wa(mm
2)
Voltage
Breakdown
wire to wire
min (VAC)
Break
Strength
min (kg)
156
77.0
3000
30.9
OD
Electrical Characeristics
450
DC Bias min
(oersteds)
Watt Loss
@ 100kHz, 100mT
40% Winding Factor
Winding
Factor
(mm)
Winding
Factor
(mm)
max (mW/cm
3)
Winding Length Per Turn
Wound Coil Dimensions (mm)
Winding Information
5,240
Est.
Weight
(g)
1.090
(in)
0.555
0.591
82.5
Cross
Section
Ae (mm
2)
63.5
max
32.7
Path
Length
Le (mm)
0076894A7HT15
Notes:
Max OD
19.8
30.9
24.6
HT
Temperature Rating
Coating Temp (Continuous up to):
200°C
Unwound Core
40% Winding Factor
2,900
3,900
Completely Full Window
Surface Area (mm
2)
110 Delta Drive
Pittsburgh, PA 15238
NAFTA Sales: (1)800-245-3984
HK Sales : (852)3102-9337
magnetics@spang.com
www.mag-inc.com
0
10
20
30
40
50
60
70
80
90
0
100
200
300
400
500
600
700
800
A·T
Typical DC Bias Performance
80%
50%


Similar Part No. - 0076894A7HT15

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0076894A7 MAGNETICS-0076894A7 Datasheet
629Kb / 1P
FERRITE CORE TOROID 75NH XFLUX
1/25/2022
More results

Similar Description - 0076894A7HT15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPT4545 VISHAY-LPT4545 Datasheet
247Kb / 2P
Inductors/Transformers, Customizable, Surface Mount Torodial, Kool-Mu, Powdered Iron and MPP Cores
28-Aug-02
LPT-4545 VISHAY-LPT-4545 Datasheet
94Kb / 3P
Inductors/Transformers, Customizable, Surface Mount Torodial, Kool Mu®*, Powdered Iron and MPP Cores
10-Oct-08
LPT-3535 VISHAY-LPT-3535 Datasheet
95Kb / 3P
Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu®*, Powdered Iron and MPP Cores
10-Oct-08
logo
YUXIANG Magnetc materia...
YU61-26CORE YUXIANG-YU61-26CORE Datasheet
55Kb / 1P
U TYPE IRON POWDER CORES
logo
Ferroxcube Internationa...
F07_2011 FERROXCUBE-F07_2011 Datasheet
354Kb / 4P
Powder cores manufacturing location and 12NC change
logo
Vishay Siliconix
LPT-3535 VISHAY-LPT-3535_17 Datasheet
91Kb / 3P
Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
22-Aug-17
logo
List of Unclassifed Man...
CS270075 ETC-CS270075 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
logo
Vishay Siliconix
LPT-3535 VISHAY-LPT-3535_V01 Datasheet
74Kb / 3P
Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
22-Aug-17
LPT-4545 VISHAY-LPT-4545_V01 Datasheet
74Kb / 3P
Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
22-Aug-17
logo
Magnetics, a division o...
0076083A7 MAGNETICS-0076083A7 Datasheet
679Kb / 1P
Kool Mµ® Hƒ Powder Cores
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com