Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMC020012008H Datasheet(PDF) 1 Page - Magnetics, a division of Spang & Co.

Part # CMC020012008H
Description  FERRITE CORE TOROID 61.5UH NANOC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETICS [Magnetics, a division of Spang & Co.]
Direct Link  https://www.mag-inc.com/
Logo MAGNETICS - Magnetics, a division of Spang & Co.

CMC020012008H Datasheet(HTML) 1 Page - Magnetics, a division of Spang & Co.

  CMC020012008H Datasheet HTML 1Page - Magnetics, a division of Spang & Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions
Bare (mm)
tol +/-
Case (mm)
tol +/-
OD (A)
20.0
typ
22.6
0.40
ID (B)
12.0
typ
10.6
0.40
HT (C)
8.0
0.20
10.0
0.40
10 kHz
1.0 Volt
100 kHz
1.0 Volt
Ae(cm
2)
Le (cm)
Weight (g)
Color
0.269
5.02
9.7 (Ref)
Black
PBT Class B 130°C
Material
Saturation Flux Density
Initial permeability
Curie Temperature
Continuous working Temperature
1/14/2021
560 °C
-40 °C to +120 °C
61.5 +/- 30%
13.1 Min
Nanocrystalline
110 Delta Drive
Pittsburgh, PA 15238
NAFTA Sales: (1) 800-245-3984
HK Sales: (852) 3102-9337
magnetics@spang.com
www.mag-inc.com
CMC020012008H
1.25 Tesla
80,000
AL (µH/T
2)
Conditions
-1500
-1000
-500
0
500
1000
1500
-25
-20
-15
-10
-5
0
5
10
15
20
25
B(mT)
H(A/m)


Similar Part No. - CMC020012008H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMC02 TOSHIBA-CMC02 Datasheet
257Kb / 5P
For Strobe Discharge Circuit
logo
Magnetics, a division o...
CMC025016010H MAGNETICS-CMC025016010H Datasheet
143Kb / 1P
FERRITE CORE TOROID 65.5UH NANOC
1/14/2021
More results

Similar Description - CMC020012008H

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0059050A2 MAGNETICS-0059050A2 Datasheet
691Kb / 1P
FERRITE CORE TOROID 56NH EDGE
10/5/2021
0059071A2 MAGNETICS-0059071A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 61NH EDGE
7/8/2022
0059120A2 MAGNETICS-0059120A2 Datasheet
694Kb / 1P
FERRITE CORE TOROID 72NH EDGE
9/30/2021
0059351A2 MAGNETICS-0059351A2 Datasheet
627Kb / 1P
FERRITE CORE TOROID 51NH EDGE
12/17/2021
0059380A2 MAGNETICS-0059380A2 Datasheet
694Kb / 1P
FERRITE CORE TOROID 89NH EDGE
10/6/2021
0059381A2 MAGNETICS-0059381A2 Datasheet
649Kb / 1P
FERRITE CORE TOROID 43NH EDGE
7/15/21
0059548A2 MAGNETICS-0059548A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 127NH EDGE
7/8/2022
CMC025016010H MAGNETICS-CMC025016010H Datasheet
143Kb / 1P
FERRITE CORE TOROID 65.5UH NANOC
1/14/2021
CMC030020010H MAGNETICS-CMC030020010H Datasheet
145Kb / 1P
FERRITE CORE TOROID 59.3UH NANOC
1/14/2021
CMC040032015H MAGNETICS-CMC040032015H Datasheet
141Kb / 1P
FERRITE CORE TOROID 47.2UH NANOC
1/14/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com