Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MACC0004 Datasheet(PDF) 1 Page - Magnetics, a division of Spang & Co.

Part # MACC0004
Description  FERRITE CORE U AMORPHOUS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETICS [Magnetics, a division of Spang & Co.]
Direct Link  https://www.mag-inc.com/
Logo MAGNETICS - Magnetics, a division of Spang & Co.

MACC0004 Datasheet(HTML) 1 Page - Magnetics, a division of Spang & Co.

  MACC0004 Datasheet HTML 1Page - Magnetics, a division of Spang & Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dim (mm) tol +/-
a
9.0
0.8
b
9.0
min
c
32.0
min
d
15.0
0.5
e
28.0
1.0
f
51.0
1.5
R
2.0
ref
Ae(cm
2)
Le (cm)
Weight (g)
Wa(cm
2)
1.24
10.7
97 Ref
3.3 ref
Material
Core Loss (@16kHz/37mT, 25° C +/- 3° C, Humidity 65% +/- 5%)
Working Temperature
Storage Temperature
9/21/2020
-40°C + 80°C
110 Delta Drive
Pittsburgh, PA 15238
NAFTA Sales: (1) 800-245-3984
HK Sales: (852) 3102-9337
magnetics@spang.com
www.mag-inc.com
MACC0004
Amorphous
≤1.0 W/kg
-40°C + 130°C


Similar Part No. - MACC0004

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
MACC0010 MAGNETICS-MACC0010 Datasheet
141Kb / 1P
FERRITE CORE U AMORPHOUS
9/21/2020
MACC0063 MAGNETICS-MACC0063 Datasheet
141Kb / 1P
FERRITE CORE U AMORPHOUS
9/21/2020
More results

Similar Description - MACC0004

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEIR6D31F SUMIDA-CDEIR6D31F_11 Datasheet
134Kb / 4P
Ferrite core construction.
CDEIR8D38F SUMIDA-CDEIR8D38F Datasheet
154Kb / 4P
Ferrite core construction.
CDEP85 SUMIDA-CDEP85_11 Datasheet
185Kb / 6P
Ferrite core construction.
CDEP104 SUMIDA-CDEP104_11 Datasheet
182Kb / 5P
Ferrite core construction.
logo
Laird Tech Smart Techno...
CMX1616Z401B-10 LSTD-CMX1616Z401B-10 Datasheet
148Kb / 1P
FERRITE CORE
logo
TDK Electronics
B66482G0000X608 TDK-B66482G0000X608 Datasheet
356Kb / 5P
Ferrite core
logo
Soshin electric Co., Lt...
RC9129ZZ SOSHIN-RC9129ZZ Datasheet
183Kb / 2P
Ferrite core with U-shape metal fitting for installation
logo
Magnetics, a division o...
MACC0010 MAGNETICS-MACC0010 Datasheet
141Kb / 1P
FERRITE CORE U AMORPHOUS
9/21/2020
MACC0063 MAGNETICS-MACC0063 Datasheet
141Kb / 1P
FERRITE CORE U AMORPHOUS
9/21/2020
MACC0125 MAGNETICS-MACC0125 Datasheet
141Kb / 1P
FERRITE CORE U AMORPHOUS
9/21/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com