Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLC2 Datasheet(PDF) 2 Page - AIC tech Inc.

Part # MLC2
Description  Cylindrically-Shaped Metallized Polypropylene Film Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

MLC2 Datasheet(HTML) 2 Page - AIC tech Inc.

  MLC2 Datasheet HTML 1Page - AIC tech Inc. MLC2 Datasheet HTML 2Page - AIC tech Inc. MLC2 Datasheet HTML 3Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
POWER ELECTRONICS USE PLASTIC FILM CAPACITORS
MLC2 Series
Rated d.c voltage
U N : 800Vdc
Max.ripple voltage
U r : 200V Non repetitive surge voltage U S : 1,200V
Voltage test between terminals
U TT : 1,200Vdc/10s Voltage test terminals to case. U TC : 3,200Vac/10s
Nominal
Capacitance
C N
〔μF〕
Dimensions
Maximum ripple
current (Arms)
I max*
〔Arms / at50
1k ~ 10kHz
〕
Maximum
peak
current
Î
〔kA〕
Maximum
Surge
current
I s
〔kA〕
Equivalent
Series
Resistance
ESR
〔m 〕
Equivalent
Series
Inductance
ESL
〔nH〕
Thermal
resistance
R th
〔K/W〕
Part number
Diameter
D
〔mm〕
Length of
the case
L1
〔mm〕
300
85
70
31
5
15
2.4
60
8.4
MLC2800V307KB8570
330
85
75
31
5
15
2.6
65
7.8
MLC2800V337KB8575
340
88.5
70
33
6
18
2.2
60
8.1
MLC2800V347KB88570
370
85
80
31
5
15
2.8
65
7.2
MLC2800V377KB8580
88.5
75
33
6
18
2.4
65
7.5
MLC2800V377KB88575
410
88.5
80
33
6
18
2.6
65
6.9
MLC2800V417KB88580
440
100
70
40
7
21
1.8
60
6.8
MLC2800V447KB10070
450
85
87
31
5
15
3.0
75
6.8
MLC2800V457KB8587
470
88.5
87
33
6
18
2.8
75
6.4
MLC2800V477KB88587
480
85
95
30
5
15
3.4
80
6.4
MLC2800V487KB8595
490
100
75
40
7
21
1.9
65
6.4
MLC2800V497KB10075
530
88.5
95
32
6
18
3.1
80
6.1
MLC2800V537KB88595
540
85
106
30
5
15
3.9
90
5.6
MLC2800V547KB85106
100
80
39
7
21
2.1
65
6.1
MLC2800V547KB10080
600
88.5
106
31
6
18
3.6
90
5.6
MLC2800V607KB885106
610
85
125
57
10
30
1.2
40
5.0
MLC2800V617KB85125
100
87
39
7
21
2.3
75
5.6
MLC2800V617KB10087
620
116
70
47
10
30
1.5
60
5.9
MLC2800V627KB11670
630
85
120
29
5
15
4.6
100
5.1
MLC2800V637KB85120
670
85
135
57
10
30
1.3
40
4.6
MLC2800V677KB85135
680
88.5
125
62
11
33
1.1
40
4.6
MLC2800V687KB885125
116
75
47
10
30
1.6
65
5.5
MLC2800V687KB11675
690
100
95
39
7
21
2.6
80
4.9
MLC2800V697KB10095
700
88.5
120
31
6
18
4.2
100
4.9
MLC2800V707KB885120
750
85
145
57
10
30
1.4
45
4.3
MLC2800V757KB85145
760
88.5
135
62
11
33
1.2
40
4.2
MLC2800V767KB885135
116
80
46
10
30
1.7
65
5.4
MLC2800V767KB11680
780
100
106
38
7
21
3.0
90
4.5
MLC2800V787KB100106
830
88.5
145
61
11
33
1.3
45
4.1
MLC2800V837KB885145
840
85
159
57
10
30
1.6
50
3.8
MLC2800V847KB85159
850
116
87
46
10
30
1.9
75
4.9
MLC2800V857KB11687
890
100
125
71
15
45
1.0
40
3.9
MLC2800V897KB100125
920
100
120
37
7
21
3.4
100
4.2
MLC2800V927KB100120
930
140
70
49
15
45
1.2
60
6.8
MLC2800V937KB14070
940
88.5
159
61
12
36
1.5
50
3.5
MLC2800V947KB885159
960
85
175
56
10
30
1.8
55
3.5
MLC2800V967KB85175
970
116
95
45
10
30
2.1
80
4.6
MLC2800V977KB11695
980
100
135
71
15
45
1.0
40
3.9
MLC2800V987KB100135
1,000
85
197
54
10
30
2.2
60
3.1
MLC2800V108KB85197
88.5
175
59
11
33
1.7
55
3.3
MLC2800V108KB885175
100
145
69
14
42
1.2
45
3.4
MLC2800V108KB100145
116
106
44
10
30
2.5
90
4.0
MLC2800V108KB116106
140
75
49
15
45
1.3
65
6.2
MLC2800V108KB14075
1,100
140
80
49
15
45
1.4
65
5.8
MLC2800V118KB14080
1,200
85
225
54
10
30
2.5
70
2.7
MLC2800V128KB85225
88.5
197
60
12
36
1.9
60
2.9
MLC2800V128KB885197
100
159
70
15
45
1.2
50
3.3
MLC2800V128KB100159
116
120
43
10
30
2.8
100
3.8
MLC2800V128KB116120
116
125
83
20
60
0.8
40
3.6
MLC2800V128KB116125
140
87
48
15
45
1.5
75
5.6
MLC2800V128KB14087
1,300
100
175
69
14
42
1.4
55
3.0
MLC2800V138KB100175
116
135
83
20
60
0.9
40
3.2
MLC2800V138KB116135
1,400
88.5
225
59
11
33
2.2
70
2.6
MLC2800V148KB885225
140
95
48
15
45
1.7
80
5.0
MLC2800V148KB14095
1,500
100
197
68
14
42
1.6
60
2.7
MLC2800V158KB100197
116
145
83
20
60
0.9
45
3.2
MLC2800V158KB116145
1,600
140
106
47
15
45
1.9
90
4.7
MLC2800V168KB140106
1,700
116
159
83
21
63
1.0
50
2.9
MLC2800V178KB116159
1,800
100
225
68
15
45
1.8
70
2.4
MLC2800V188KB100225
140
125
86
30
90
0.7
40
3.8
MLC2800V188KB140125
1,900
116
175
83
20
60
1.1
55
2.6
MLC2800V198KB116175
140
120
47
15
45
2.1
100
4.2
MLC2800V198KB140120
2,000
140
135
86
30
90
0.7
40
3.8
MLC2800V208KB140135
2,100
116
197
80
20
60
1.3
60
2.4
MLC2800V218KB116197
2,300
140
145
87
31
93
0.8
45
3.2
MLC2800V238KB140145
2,500
116
225
80
20
60
1.5
70
2.1
MLC2800V258KB116225
140
159
86
30
90
0.8
50
3.3
MLC2800V258KB140159
2,900
140
175
86
31
93
0.9
55
3.0
MLC2800V298KB140175
3,300
140
197
86
31
93
1.0
60
2.7
MLC2800V338KB140197
3,800
140
225
85
30
90
1.2
70
2.3
MLC2800V388KB140225
• Please inquire us in case low frequency (commercial frequency) or frequency above 10kHz is included in ripple current.
• Maximum permissible ripple current is calculated by the value in this table with frequency and temperature correction factors.
Also the maximum current must be controlled below the permissible terminal current .
Please refer useful life graph based on ambient temperature and voltage.
HOTSPOT = T
a
+I 2×ESR×Rth
Standard Products Table



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com