Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VGL Datasheet(PDF) 3 Page - AIC tech Inc.

Part # VGL
Description  Useful of 8,000 hours at 105ºC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

VGL Datasheet(HTML) 3 Page - AIC tech Inc.

  VGL Datasheet HTML 1Page - AIC tech Inc. VGL Datasheet HTML 2Page - AIC tech Inc. VGL Datasheet HTML 3Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Standard Products Table
Rated Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
105
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Z max
(m )
20
℃, 10kHz
ESL(typ.)
(nH)
Product name
500
560
51
×75
0.20
3.0
199
215
21
VGL2H561YC075
680
51
×96
0.20
3.6
164
177
21
VGL2H681YC096
820
51
×109
0.20
4.0
136
147
21
VGL2H821YC109
1,000
51
×125
0.20
4.6
111
120
21
VGL2H102YC125
1,500
64
×107
0.20
6.5
74
80
22
VGL2H152YD107
1,800
64
×123
0.20
7.2
62
50
22
VGL2H182YD123
77
×95
0.20
8.0
62
50
24
VGL2H182YE095
2,200
64
×147
0.20
7.8
53
50
22
VGL2H222YD147
77
×108
0.20
8.9
53
50
24
VGL2H222YE108
2,700
64
×164
0.20
8.8
40
35
22
VGL2H272YD164
90
×97
0.20
11.4
40
35
24
VGL2H272YF097
3,300
64
×187
0.20
9.8
38
32
22
VGL2H332YD187
77
×124
0.20
11.1
38
32
24
VGL2H332YE124
90
×110
0.20
12.5
38
32
24
VGL2H332YF110
3,900
77
×148
0.20
11.9
30
27
24
VGL2H392YE148
90
×126
0.20
13.5
30
27
24
VGL2H392YF126
4,700
77
×165
0.20
13.3
25
20
24
VGL2H472YE165
90
×150
0.20
14.7
25
20
24
VGL2H472YF150
5,600
77
×188
0.20
14.6
20
17
24
VGL2H562YE188
90
×167
0.20
15.8
20
17
24
VGL2H562YF167
6,800
90
×190
0.20
17.5
17
17
24
VGL2H682YF190
8,200
90
×230
0.20
18.8
14
14
24
VGL2H822YF230
10,000
90
×268
0.20
19.6
12
12
24
VGL2H103YF268
0
0.5
1
1.5
2
2.5
3
Ripple Current of Diminishing Ratio
(Ⅰ/Ⅰr, 105℃)
1,000,000
100,000
10,000
1,000
Series
VGL
Ta=105
℃
Ta=85
℃
Ta=60
℃
Life time graph
  Useful life depending on ambient temperature Ta
and ripple current operating conditions
Ⅰversus rated
ripple current at 105
℃,120Hz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com