Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VGLR Datasheet(PDF) 2 Page - AIC tech Inc.

Part # VGLR
Description  Useful of 8,000 hours at 105ºC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

VGLR Datasheet(HTML) 2 Page - AIC tech Inc.

  VGLR Datasheet HTML 1Page - AIC tech Inc. VGLR Datasheet HTML 2Page - AIC tech Inc. VGLR Datasheet HTML 3Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
VGLR Series
Standard Products Table
Rated Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
105
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Z max
(m )
20
℃, 10kHz
ESL(typ.)
(nH)
Product name
350
1,800
51
×96
0.20
9.1
54
55
21
VGLR2V182YC096
2,200
51
×109
0.20
10.2
44
45
21
VGLR2V222YC109
2,700
51
×125
0.20
11.4
36
37
21
VGLR2V272YC125
3,300
64
×107
0.20
15.1
29
30
22
VGLR2V332YD107
3,900
64
×123
0.20
16.8
24
26
22
VGLR2V392YD123
4,700
64
×147
0.20
18.2
20
21
22
VGLR2V472YD147
77
×108
0.20
20.6
20
21
24
VGLR2V472YE108
5,600
64
×164
0.20
20.3
17
18
22
VGLR2V562YD164
77
×124
0.20
23.1
17
18
24
VGLR2V562YE124
6,800
64
×187
0.20
22.6
14
15
22
VGLR2V682YD187
77
×148
0.20
24.9
14
15
24
VGLR2V682YE148
90
×110
0.20
28.6
14
15
24
VGLR2V682YF110
8,200
77
×165
0.20
27.9
12
12
24
VGLR2V822YE165
90
×150
0.20
31.0
12
12
24
VGLR2V822YF150
10,000
77
×188
0.20
31.0
9
10
24
VGLR2V103YE188
90
×150
0.20
34.2
9
10
24
VGLR2V103YF150
12,000
77
×228
0.20
35.1
8
8
24
VGLR2V123YE228
90
×167
0.20
36.8
8
8
24
VGLR2V123YF167
15,000
90
×190
0.20
41.5
6
7
24
VGLR2V153YF190
18,000
90
×230
0.20
44.3
5
6
24
VGLR2V183YF230
22,000
90
×268
0.20
45.0
4
5
24
VGLR2V223YF268
400
1,500
51
×96
0.20
8.4
63
67
21
VGLR2G152YC096
1,800
51
×109
0.20
9.4
53
56
21
VGLR2G182YC109
2,200
51
×125
0.20
10.6
43
46
21
VGLR2G222YC125
2,700
64
×107
0.20
13.6
35
37
22
VGLR2G272YD107
3,300
64
×123
0.20
15.5
29
30
22
VGLR2G332YD123
3,900
64
×147
0.20
16.5
24
26
22
VGLR2G392YD147
77
×108
0.20
18.8
24
26
24
VGLR2G392YE108
4,700
64
×164
0.20
18.6
20
21
22
VGLR2G472YD164
77
×124
0.20
21.2
20
21
24
VGLR2G472YE124
5,600
64
×187
0.20
20.5
17
18
22
VGLR2G562YD187
77
×148
0.20
22.6
17
18
24
VGLR2G562YE148
90
×110
0.20
26.0
17
18
24
VGLR2G562YF110
6,800
77
×165
0.20
25.4
14
15
24
VGLR2G682YE165
90
×150
0.20
28.2
14
15
24
VGLR2G682YF150
8,200
77
×188
0.20
28.1
12
12
24
VGLR2G822YE188
90
×150
0.20
31.0
12
12
24
VGLR2G822YF150
10,000
77
×228
0.20
32.0
9
10
24
VGLR2G103YE228
90
×167
0.20
33.6
9
10
24
VGLR2G103YF167
12,000
90
×190
0.20
37.1
8
8
24
VGLR2G123YF190
15,000
90
×230
0.20
40.4
6
7
24
VGLR2G153YF230
18,000
90
×268
0.20
40.6
5
6
24
VGLR2G183YF268
450
1,200
51
×96
0.20
7.9
79
83
21
VGLR2W122YC096
1,500
51
×109
0.20
9.0
64
66
21
VGLR2W152YC109
1,800
51
×125
0.20
10.1
53
55
21
VGLR2W182YC125
2,200
64
×107
0.20
12.6
43
45
22
VGLR2W222YD107
2,700
64
×123
0.20
14.4
35
37
22
VGLR2W272YD123
77
×108
0.20
16.1
35
37
24
VGLR2W272YE108
3,300
64
×147
0.20
15.6
29
30
22
VGLR2W332YD147
77
×124
0.20
18.2
29
30
24
VGLR2W332YE124
3,900
64
×164
0.20
17.5
24
26
22
VGLR2W392YD164
77
×148
0.20
19.4
24
26
24
VGLR2W392YE148
90
×110
0.20
22.3
24
26
24
VGLR2W392YF110
4,700
64
×187
0.20
19.3
20
21
22
VGLR2W472YD187
77
×148
0.20
21.3
20
21
24
VGLR2W472YE148
90
×126
0.20
24.2
20
21
24
VGLR2W472YF126
5,600
77
×165
0.20
23.7
17
18
24
VGLR2W562YE165
90
×150
0.20
26.3
17
18
24
VGLR2W562YF150
6,800
77
×188
0.20
26.3
14
15
24
VGLR2W682YE188
90
×167
0.20
28.5
14
15
24
VGLR2W682YF167
8,200
77
×228
0.20
29.8
12
12
24
VGLR2W822YE228
90
×190
0.20
31.5
12
12
24
VGLR2W822YF190
10,000
90
×230
0.20
33.9
9
10
24
VGLR2W103YF230
15,000
90
×268
0.20
38.2
6
7
24
VGLR2W153YF268



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com