Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCV65 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BCV65
Description  NPN/PNP general purpose transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCV65 Datasheet(HTML) 3 Page - NXP Semiconductors

  BCV65 Datasheet HTML 1Page - NXP Semiconductors BCV65 Datasheet HTML 2Page - NXP Semiconductors BCV65 Datasheet HTML 3Page - NXP Semiconductors BCV65 Datasheet HTML 4Page - NXP Semiconductors BCV65 Datasheet HTML 5Page - NXP Semiconductors BCV65 Datasheet HTML 6Page - NXP Semiconductors BCV65 Datasheet HTML 7Page - NXP Semiconductors BCV65 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 22
3
Philips Semiconductors
Product specification
NPN/PNP general purpose transistor
BCV65
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Notes
1. VBEsat decreases by approximately 1.7 mV/K with increasing temperature.
2. VBE decreases by approximately 2 mV/K with increasing temperature.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per transistor
ICBO
collector cut-off current
IE = 0; VCB =30V
−−
15
nA
IE = 0; VCB =30V; Tj = 150 °C
−−
5
µA
hFE
DC current gain
IC = 2 mA; VCE =5V
75
−
800
VCEsat
collector-emitter saturation voltage
IC = 10 mA; IB = 0.5 mA
−
90
300
mV
IC = 100 mA; IB =5mA
−
250
650
mV
VBEsat
base-emitter saturation voltage
IC = 10 mA; IB = 0.5 mA; note 1
−
700
−
mV
IC = 100 mA; IB = 5 mA; note 1
−
900
−
mV
VBE
base-emitter voltage
IC = 2 mA; VCE = 5 V; note 2
580
650
750
mV
IC = 10 mA; VCE = 5 V; note 2
−−
820
mV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com