Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC604E9VEC/D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPC604E9VEC/D
Description  PowerPC 604e™ RISC Microprocessor Family:PID9v-604e Hardware Specifications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604E9VEC/D Datasheet(HTML) 2 Page - NXP Semiconductors

  MPC604E9VEC/D Datasheet HTML 1Page - NXP Semiconductors MPC604E9VEC/D Datasheet HTML 2Page - NXP Semiconductors MPC604E9VEC/D Datasheet HTML 3Page - NXP Semiconductors MPC604E9VEC/D Datasheet HTML 4Page - NXP Semiconductors MPC604E9VEC/D Datasheet HTML 5Page - NXP Semiconductors MPC604E9VEC/D Datasheet HTML 6Page - NXP Semiconductors MPC604E9VEC/D Datasheet HTML 7Page - NXP Semiconductors MPC604E9VEC/D Datasheet HTML 8Page - NXP Semiconductors MPC604E9VEC/D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
PID9v-604e Hardware Specifications
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
1.1 Overview
The 604e is an implementation of the PowerPC family of reduced instruction set computing (RISC)
microprocessors. The 604e implements the PowerPC architecture as it is specified for 32-bit addressing,
which provides 32-bit effective (logical) addresses, integer data types of 8, 16, and 32 bits, and floating-
point data types of 32 and 64 bits (single-precision and double-precision). For 64-bit PowerPC
implementations, the PowerPC architecture provides additional 64-bit integer data types, 64-bit addressing,
and related features.
The 604e is a superscalar processor capable of issuing four instructions simultaneously. As many as seven
instructions can finish execution in parallel. The 604e has seven execution units that can operate in
parallel—a floating-point unit (FPU), a branch processing unit (BPU), a condition register unit (CRU), a
load/store unit (LSU), and three integer units (IUs)—two single-cycle integer units (SCIUs) and one
multiple-cycle integer unit (MCIU).
This parallel design, combined with the PowerPC architecture’s specification of uniform instructions that
allows for rapid execution times, yields high efficiency and throughput. The 604e’s rename buffers,
reservation stations, dynamic branch prediction, and completion unit increase instruction throughput,
guarantee in-order completion, and ensure a precise exception model. (Note that the PowerPC architecture
specification refers to all exceptions as interrupts.)
The 604e has separate memory management units (MMUs) and separate 32-Kbyte on-chip caches for
instructions and data. The 604e implements two 128-entry, two-way set associative translation lookaside
buffers (TLBs), one for instructions and one for data, and provides support for demand-paged virtual
memory address translation and variable-sized block translation. The TLBs and the cache use least-recently
used (LRU) replacement algorithms.
The 604e has a 64-bit external data bus and a 32-bit address bus. The 604e interface protocol allows multiple
masters to compete for system resources through a central external arbiter. Additionally, on-chip snooping
logic maintains data cache coherency for multiprocessor applications. The 604e supports single-beat and
burst data transfers for memory accesses and memory-mapped I/O accesses.
The 604e uses an advanced, 2.5-V CMOS process technology and is fully compatible with TTL devices.
1.2 Features
This section summarizes features of the 604e’s implementation of the PowerPC architecture. Major features
of the 604e are as follows:
•
High-performance, superscalar microprocessor
— As many as four instructions can be issued per clock
— As many as seven instructions can start executing per clock (including three integer
instructions)
— Single-clock-cycle execution for most instructions
•
Seven independent execution units and two register files
— BPU featuring dynamic branch prediction
– Two-entry reservation station
– Out-of-order execution through two branches
– Shares dispatch bus with CRU
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com