Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK2201AIRCPR Datasheet(PDF) 13 Page - Texas Instruments

Part # TLK2201AIRCPR
Description  ETHERNET TRANSCEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2201AIRCPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLK2201AIRCPR Datasheet HTML 9Page - Texas Instruments TLK2201AIRCPR Datasheet HTML 10Page - Texas Instruments TLK2201AIRCPR Datasheet HTML 11Page - Texas Instruments TLK2201AIRCPR Datasheet HTML 12Page - Texas Instruments TLK2201AIRCPR Datasheet HTML 13Page - Texas Instruments TLK2201AIRCPR Datasheet HTML 14Page - Texas Instruments TLK2201AIRCPR Datasheet HTML 15Page - Texas Instruments TLK2201AIRCPR Datasheet HTML 16Page - Texas Instruments TLK2201AIRCPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TLK2201A, TLK2201AI
ETHERNET TRANSCEIVERS
SLLS572 – JUNE 2003
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
LVTTL output switching characteristics over recommended operating conditions (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr(RBC) Clock rise time
0.3
1.5
ns
tf(RBC) Clock fall time
80% to 20% output voltage C
5 pF (see Figure 9)
0.3
1.5
ns
tr
Data rise time
80% to 20% output voltage, C = 5 pF (see Figure 9)
0.3
1.5
ns
tf
Data fall time
0.3
1.5
ns
tsu(D1)
Data setup time (RD0..RD9),
Data valid prior to RBC0 rising
TBI normal mode (see Figure 3)
2.5
ns
th(D1)
Data hold time (RD0..RD9),
Data valid after RBC0 rising
TBI normal mode (see Figure 3)
2
ns
tsu(D2)
Data setup time (RD0..RD4)
DDR mode, R
ω = 125 MHz (see Figure 4)
2
ns
th(D2)
Data hold time (RD0..RD4)
DDR mode, R
ω = 125 MHz (see Figure 4)
0.8
ns
tsu(D3)
Data setup time (RD0..RD9)
TBI half-rate mode, R
ω = 125 MHz (see Figure 2)
2.5
ns
th(D3)
Data hold time (RD0..RD9)
TBI half-rate mode, R
ω = 125 MHz (see Figure 2)
1.5
ns
transmitter timing requirements over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tsu(D4)
Data setup time (TD0..TD9)
TBI modes
1.6
ns
th(D4)
Data hold time (TD0..TD9)
TBI modes
0.8
ns
tsu(D5)
Data setup time (TD0..TD9)
DDR modes
0.7
ns
th(D5)
Data hold time (TD0..TD9)
DDR modes
0.5
ns
tr, tf
TD[0,9] Data rise and fall time
See Figure 9
2
ns
AVAILABLE OPTIONS
PACKAGE
TA
PLASTIC QUAD FLAT PACK
(RCP)
0
°C to 70°C
TLK2201ARCP
– 40
°C to 85°C
TLK2201AIRCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com