Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK2201ARCPR Datasheet(PDF) 12 Page - Texas Instruments

Part # TLK2201ARCPR
Description  ETHERNET TRANSCEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2201ARCPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLK2201ARCPR Datasheet HTML 8Page - Texas Instruments TLK2201ARCPR Datasheet HTML 9Page - Texas Instruments TLK2201ARCPR Datasheet HTML 10Page - Texas Instruments TLK2201ARCPR Datasheet HTML 11Page - Texas Instruments TLK2201ARCPR Datasheet HTML 12Page - Texas Instruments TLK2201ARCPR Datasheet HTML 13Page - Texas Instruments TLK2201ARCPR Datasheet HTML 14Page - Texas Instruments TLK2201ARCPR Datasheet HTML 15Page - Texas Instruments TLK2201ARCPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
TLK2201A, TLK2201AI
ETHERNET TRANSCEIVERS
SLLS572 – JUNE 2003
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
transmitter/receiver characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vod=|TxD TxN|
Rt = 50
Ω
600
850
1100
mV
Vod = |TxD–TxN|
Rt = 75
Ω
800
1050
1200
mV
V()
Transmit common mode voltage range
Rt = 50
Ω
1000
1250
1400
mV
V(cm)
Transmit common mode voltage range
Rt = 75
Ω
1000
1250
1400
mV
Receiver Input voltage requirement,
Vid = |RxP – RxN|
200
1600
mV
Receiver common mode voltage range,
(RxP + RxN)/2
1000
1250
2250
mV
Ilkg(R)
Receiver input leakage current
–350
350
µA
CI
Receiver input capacitance
2
pF
t(TJ)
Serial data total jitter (peak-to-peak)
Differential output jitter, Random
+ deterministic, PRBS pattern,
R
ω = 125 MHz
0.24
UI
t(DJ)
Serial data deterministic jitter (peak-to-peak)
Differential output jitter, PRBS
pattern,
R
ω = 125 MHz
0.12
UI
tr, tf
Differential signal rise, fall time (20% to 80%)
RL = 50 Ω,
CL = 5 pF,
See Figures 7 and 8
100
250
ps
Serial data jitter tolerance minimum required eye
opening, (per IEEE-802.3 specification)
Differential input jitter, Random
+ deterministic, R
ω = 125 MHz
0.25
UI
Receiver data acquisition lock time from powerup
500
µs
Data relock time from loss of synchronization
1024
Bit times
td(T l t
)
Tx latency
TBI modes
See Figure 1
19
20
UI
td(Tx latency)
Tx latency
DDR mode
29
30
UI
t
Rx latency
TBI modes
See Figure 6
21
31
UI
td(Rx latency)
Rx latency
DDR mode
27
34
UI
80%
50%
20%
tr
tr
tf
tf
80%
50%
20%
∼ V
∼ V
∼ V
∼ V
80%
20%
0 V
∼ 1V
∼ –1V
TX+
TX–
VOD
Figure 7. Differential and Common-Mode
Output Voltage Definitions
CL
5 pF
CL
5 pF
50
Ω
50
Ω
Figure 8. Transmitter Test Setup
tr
tf
CLOCK
80%
50%
20%
tr
tf
2 V
0.8 V
DATA
1.4 V
Figure 9. TTL Data I/O Valid Levels for AC Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com