Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-KBHB6 Datasheet(PDF) 2 Page - AAEON Technology

Part # COM-KBHB6
Description  COM Express Type 6 Basic Size with 7th Gen. Intel® Xeon® E3 v6 Series Processors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

COM-KBHB6 Datasheet(HTML) 2 Page - AAEON Technology

  COM-KBHB6 Datasheet HTML 1Page - AAEON Technology COM-KBHB6 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
04-6
Note: All specifications are subject to change without notice.
www.aaeon.com
0
4
COM-KBHB6
Unit: mm
Block Diagram
Dimension
Unit: mm
Ordering Information
Part Number
COM Express
Type
CPU
Memory
Display
LVDS
Storage
LAN
USB
UART
Expansion
Power Temperature
Other
COM-
KBHB6-A10-0004
Type 6
E3-1505M v6
DDR4 SO-DIMM
x2 (ECC Suport)
VGA, LVDS or eDP,
DDI x 2 (Up to 3)
18/24b 2CH (LVDS
shared with eDP)
SATA 3 x 4
GbE x 1
USB 3.2 Gen 2 x 4
USB 2.0 x 8
2-Wire (Tx/Rx)
x 2
PCIe[x16] x1, PCIe[x1] x8, I2C,
LPC, SMBus
12V
0°C ~ 60°C
—
Intel®
Xeon®
7th
Genera�on
Processor
DMI 3.0
LPC
COM
Express
Type 6
ROW C/D
ITE
EC
IT8528
HW
Monitor
DDR4 SO-DIMM*2
BIOS
Channel A/B
Intel
GbE PHY
I219
COM
Express
Type 6
ROW A/B
PEG [x16]
DDI*2
USB 3.2 Gen 2 *4
PCIe3.0 [x1] *2
SPI
PCIe 3.0 [x1] *6
SATA3.0 *4
USB 2.0 *8
PCIe*1
GBE
TPM
Serial Port : TX/RX*2
HD Audio
I2C
Intel® 100 Series
Chipset
eDP
NXP
eDP to LVDS
PTN3460
Chrontel
DP to VGA
CH7517
RGB
DP
LVDS dual CH 24bit
SMBUS
Optional
COOLER COM-FAN01



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com