Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EHT Datasheet(PDF) 1 Page - Samtec, Inc

Part # EHT
Description  SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

EHT Datasheet(HTML) 1 Page - Samtec, Inc

  EHT Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TYPE
STRIP
- 1 NO.PINS
PER ROW
- 02 - PLATING
OPTION
- D - TAIL
OPTION
- OTHER
OPTION
ETMM
= Mates with
TCSD and
TCMD with
Strain Relief
05, 08, 10,
12, 13, 15,
17, 20, 22, 25
(Standard sizes)
–F
= Gold Flash
on post,
Matte Tin
on tail
–L
= 10 µ"
(0.25 µm)
Gold on post,
Matte Tin
on tail
–TH
=Through-
hole
–RA
= Right
-angle
–SM
= Surface
Mount
–“XX”
= Polarized Position
–LC
= Locking Clip
(N/A with –RA)
(Manual placement
required)
–K
= (7.50 mm) .295”
DIA Polyimide Film
Pick & Place Pad
(–SM only)
–TR
= Tape & Reel
(–SM only)
–FR
= Full Reel
Tape & Reel
(must order max.
quantity per reel;
contact Samtec for
quantity breaks)
(–SM only)
EHT
- 1 NO.PINS
PER ROW
- 01 - PLATING
OPTION
- D - TAIL
OPTION
- OTHER
OPTION
05, 08,
10, 12,
13, 15,
17, 20,
22, 25
–F
= Gold flash on post,
Matte Tin on tail
–L
= 10 µ" (0.25 µm)
Gold on post,
Matte Tin on tail
Leave
blank for
Through-hole
–RA
= Right-angle
–SM
= Surface
Mount
–“XX”
= Polarized Position
–SR
= Strain Relief
(Leave Blank for
no strain relief)
–LC
= Locking Clip
(–SM only)
(Manual placement
required)
–K
= (7.50 mm) .295" DIA
Polyimide Film
Pick & Place Pad
(–SM only)
–P
= Pick & Place Pad
(–SM only)
–TR
= Tape & Reel
(–SM only)
–FR
= Full Reel Tape & Reel
(must order max. quantity
per reel; contact Samtec
for quantity breaks)
(–SM only)
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
SPECIFICATIONS
Insulator Material:
Black Liquid Crystal Polymer
Terminal Material:
Phosphor Bronze
Plating:
Sn or Au over
50 µ" (1.27 µm) Ni
Operating Temp Range:
-55 °C to +125 °C
PROCESSING
Lead–Free Solderable:
Yes
SMT Lead Coplanarity:
EHT = (0.10 mm) .004" max
ETMM = (0.13 mm) .005" max*
*(.004" stencil solution
may be available; contact
ipg@samtec.com)
ETMM
Mates:
TCSD, TCMD
EHT
Mates:
TCSD
Note:
Some lengths, styles and
options are non-standard,
non-returnable.
—RA
(Latch removed for clarity)
—SM
–SR
—SM
—RA
—TH
–SM
—RA
—TH
samtec.com?ETMM or samtec.com?EHT
SHROUDED
IDCHEADERS
No. of positions x (2.00) .0787
+ (13.79) .543
(7.62)
.300
(12.19)
.480
(15.07)
.593
(6.54)
.257
No. of positions x (2.00) .0787 + (9.97) .393
EJECTOR HEADER CAP
(Locks TCSD cable to EHT header)
EC2
NO. PINS PER ROW
05, 08, 10, 12, 13,
15, 17, 20, 22, 25
(2.00 mm) .0787" PITCH • ETMM/EHT/EC2 SERIES
No. of positions x (2.00) .0787
+ (19.89) .783
(9.65)
.380
(9.65)
.380
F-221 (Rev 28MAR21)


Similar Part No. - EHT

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
EHT SAMTEC-EHT Datasheet
301Kb / 1P
TIGER EYE™ IDC SOCKET CABLE (2.00 mm) .0787" PITCH
EHT SAMTEC-EHT Datasheet
310Kb / 1P
SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH • ETMM/EHT/EC2 SERIES
EHT-1-10-01 SAMTEC-EHT-1-10-01 Datasheet
472Kb / 1P
SHROUDED IDC EJECTOR HEADER
EHT-105-01-F-D SAMTEC-EHT-105-01-F-D Datasheet
170Kb / 1P
SHROUDED IDC EJECTOR HEADER
EHT-105-01-F-D-RA-FR SAMTEC-EHT-105-01-F-D-RA-FR Datasheet
310Kb / 1P
SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH • ETMM/EHT/EC2 SERIES
More results

Similar Description - EHT

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
EJH-110-02-L-D-TH SAMTEC-EJH-110-02-L-D-TH Datasheet
686Kb / 1P
SHROUDED IDC EJECTOR HEADERS
ZSS-112-09-S-D-1240 SAMTEC-ZSS-112-09-S-D-1240 Datasheet
706Kb / 1P
SHROUDED .025" SQ POST IDC HEADERS
HTST-110-01-SM-DV SAMTEC-HTST-110-01-SM-DV Datasheet
433Kb / 1P
SHROUDED .025" SQ POST IDC HEADERS
S2SD SAMTEC-S2SD Datasheet
308Kb / 1P
(2.00 mm) .0787" PITCH • CABLE ASSEMBLY/COMPONENTS
EJH SAMTEC-EJH Datasheet
198Kb / 1P
SHROUDED IDC EJECTOR HEADERS (2.54 mm) .100" PITCH • EJH SERIES
TCSD SAMTEC-TCSD Datasheet
301Kb / 1P
TIGER EYE™ IDC SOCKET CABLE (2.00 mm) .0787" PITCH
TST SAMTEC-TST Datasheet
255Kb / 1P
SHROUDED .025" SQ POST IDC HEADERS (2.54 mm) .100" PITCH
2854182 SAMTEC-2854182 Datasheet
575Kb / 2P
(2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
S2M-125-01-L-D-DS SAMTEC-S2M-125-01-L-D-DS Datasheet
482Kb / 2P
RUGGED TIGER EYE™ SYSTEMS (2.00 mm) .0787" PITCH
SQW SAMTEC-SQW Datasheet
240Kb / 1P
(2.00 mm) .0787" PITCH
Rev 17AUG21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com