Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHF Datasheet(PDF) 1 Page - Samtec, Inc

Part # SHF
Description  SHROUDED AND EJECTOR IDC HEADER (1.27 mm) .050" PITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

SHF Datasheet(HTML) 1 Page - Samtec, Inc

  SHF Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EHF
- 1 NO.PINS
PER ROW
- 01 - PLATING
OPTION
- D - TAIL
OPTION
- OTHER
OPTION
04, 05,
08, 10, 13,
17, 20, 25
(Standard sizes)
–F
= Gold flash on post,
Matte Tin on tail
–L
= 10 µ" (0.25 µm)
Gold on post,
Matte Tin on tai
Leave blank for
Through-hole
version
–SM
= Surface Mount
–RA
= Right-angle
–“XX”
= Polarized Position
(–RA not available)
–LC
= Locking Clip
(–SM only)
(Manual placement
required)
–K
= (7.50 mm)
.295" DIA
Polyimide Film
Pick & Place Pad
–P
= Pick & Place Pad
(–SM only)
–TR
= Tape & Reel
(–LC not available)
–FR
= Full Reel
Tape & Reel
(must order max.
quantity per reel;
contact Samtec for
quantity breaks)
(–LC not available)
SERIES
- 1 NO.PINS
PER ROW
- 01 - PLATING
OPTION
- D - TAIL
OPTION
- OTHER
OPTION
SHF
= Mates with
FFSD without
Strain Relief
ESHF
= Mates with
FFSD with
Strain Relief
04, 05, 06,
08, 10, 11,
12, 13, 15,
17, 20, 25
(Standard sizes)
–L
= 10 µ"
(0.25 µm)
Gold on
post,
Matte
Tin
on tail
–TH
= Through-
hole
–RA
= Right-angle
–SM
= Surface
Mount
–LC
= Locking Clip
(Not available with –RA)
(Manual placement
required)
–K
= (6.50 mm) .256" DIA
Polyimide Film
Pick& Place Pad
(–SM only)
–TR
= Tape & Reel
–FR
= Full Reel Tape & Reel
(must order max.
quantity per reel;
contact Samtec for
quantity breaks)
SPECIFICATIONS
Insulator Material:
Black Liquid Crystal Polymer
Terminal Material:
Phosphor Bronze
Plating:
Sn or Au over
50 µ" (1.27 µm) Ni
Operating Temp Range:
-55 °C to +125 °C
PROCESSING
Lead–Free Solderable:
Yes
SMT Lead Coplanarity:
(0.10 mm) .004" max
SHF/ESHF
Mates:
FFSD, FFTP (SHF)
EHF
Mates:
FFSD*, FFTP
Note:
Some lengths, styles and
options are non-standard,
non-returnable.
*Important Note:
EHF will not mate to FFSD
with strain relief (-SR option),
see ESHF series.
—RA
—SM
—TH
—SM
—RA
—TH
—SM
—RA
—LC
—TH
—RA
TYPE
STRIP
A
SHF
No. of pins x
(1.27) .050 + (6.35) .250
ESHF
No. of pins x
(1.27) .050 + (10.16) .400
—SM
—TH
SHROUDEDAND
EJECTORIDCHEADER
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
(5.33)
.210
A
No. of positions x
(1.27) .050 + (14.48) .570
(6.67)
.263
No. of positions x (1.27) .050
+ (18.16) .715
(8.71)
.343
(9.70)
.382
EJECTOR HEADER CAP
(Locks FFSD cable to EHF header)
ECF
NO. PINS PER ROW
05, 08, 10,
13, 17, 20, 25
(1.27 mm) .050" PITCH • SHF/ESHF/EHF/ECF SERIES
F-221 (Rev 01JUN21)
samtec.com?SHF, samtec.com?ESHF or samtec.com?EHF


Similar Part No. - SHF

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SHF SAMTEC-SHF Datasheet
275Kb / 1P
TIGER EYE™ FLAT IDC WIRE CABLES (1.27 mm) .050" PITCH
logo
List of Unclassifed Man...
SHF-001T-0.8BS ETC2-SHF-001T-0.8BS Datasheet
232Kb / 8P
Crimping tools and machines
SHF-001T-0.8BS ETC2-SHF-001T-0.8BS Datasheet
142Kb / 4P
Disconnectable Crimp style connectors
SHF-002T-0.8BS ETC2-SHF-002T-0.8BS Datasheet
232Kb / 8P
Crimping tools and machines
SHF-002T-0.8BS ETC2-SHF-002T-0.8BS Datasheet
142Kb / 4P
Disconnectable Crimp style connectors
More results

Similar Description - SHF

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
EHF-105-01-L-D-SM-K SAMTEC-EHF-105-01-L-D-SM-K Datasheet
796Kb / 1P
SHROUDED & EJECTOR IDC HEADER
EJH-110-02-L-D-TH SAMTEC-EJH-110-02-L-D-TH Datasheet
686Kb / 1P
SHROUDED IDC EJECTOR HEADERS
ESHF-115-01-L-D-SM SAMTEC-ESHF-115-01-L-D-SM Datasheet
796Kb / 1P
SHROUDED & EJECTOR IDC HEADER
EHF-110-01-L-D-SM SAMTEC-EHF-110-01-L-D-SM Datasheet
271Kb / 3P
.050 EJECTOR HEADER ASSEMBLY
EHF-113-01-L-D SAMTEC-EHF-113-01-L-D Datasheet
426Kb / 1P
SHROUDED & EJECTOR IDC HEADER
EHT-113-01-S-D SAMTEC-EHT-113-01-S-D Datasheet
472Kb / 1P
SHROUDED IDC EJECTOR HEADER
EHT-1-10-01 SAMTEC-EHT-1-10-01 Datasheet
472Kb / 1P
SHROUDED IDC EJECTOR HEADER
SFC SAMTEC-SFC Datasheet
324Kb / 1P
(1.27 mm) .050
EJH SAMTEC-EJH Datasheet
198Kb / 1P
SHROUDED IDC EJECTOR HEADERS (2.54 mm) .100" PITCH • EJH SERIES
FFSD SAMTEC-FFSD Datasheet
275Kb / 1P
TIGER EYE™ FLAT IDC WIRE CABLES (1.27 mm) .050" PITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com