Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFSD-06-S-01-N-R Datasheet(PDF) 1 Page - Samtec, Inc

Part # FFSD-06-S-01-N-R
Description  TIGER EYE™ FLAT IDC WIRE CABLES (1.27 mm) .050" PITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

FFSD-06-S-01-N-R Datasheet(HTML) 1 Page - Samtec, Inc

  FFSD-06-S-01-N-R Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SERIES
- NO.PINS
PER ROW
- END
OPTION
- OVERALL
LENGTH
- 01 - N - OTHER
OPTION
FFSD
= Socket
Strip
–04, –05,–06,
–08, –10, –11,
–12, –13, –15,
–17, –20, –25
(Standard sizes)
–S
= Single End
–D
= Double End
–“XX.XX”
= Assembled
Length
–N
= Notch
Polarization
(Notch option
not available
with -04 position)
–RW
= Reverse Wiring
(Red wire opposite
position #1)
–D “XX”
= Daisy Chain
–SR
= Strain Relief
(Mates only with
ESHF Series)
(Not available with
–O, –M, –R or –DXX)
–R
= Reverse
–M
= Middle Reverse
(Requires –DXX)
–O
= Outside Reverse
(Requires –DXX)
SPECIFICATIONS
Insulator Material:
PBT
Contact:
BeCu
Plating:
10 µ" (0.25 µm) Au over 50 µ"
(1.27 µm) Ni on contact area;
Sn over 50 µ" (1.27 µm) Ni
on balance
Wire:
30 AWG
Current Rating (FFSD/FTSH):
2.3 A per pin
(2 pins powered)
Operating Temp Range:
-40 °C to +105 °C
Lead Size Accepted:
(0.41 mm) .016" SQ
Insertion Depth:
(2.64 mm) .104" to
(3.17 mm) .125"
FFSD
Mates:
FTS, FTSH, EHF,
SHF, ESHF
Note:
This Series is non-standard,
non-returnable.
Single End (—S)
Double End (—D)
Daisy Chain (—D “XX”)
“XX”
± 1/8"
(101.60 mm) 4.00 min.
(50.8 mm)
2.00
min.
Strain Relief (—SR)
No. of positions x
(1.27) .050 + (8.00) .315
01
(3.05)
.120
No. of positions x
(1.27) .050 + (4.19) .165
(5.08)
.200
Middle Reverse (—M)
Reverse (—R)
Outside Reverse (—O)
Reverse Wiring (—RW)
01
02
Assembled Length (—“XX.XX”)
Assembled Length
in INCHES (1/8")
1 inch minimum
Other Sizes
(MOQ Required)
ALSO AVAILABLE
TIGER EYE™ FLAT
IDC WIRE CABLES
(1.27 mm) .050" PITCH • FFSD SERIES
samtec.com?FFSD
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
™
TIGER
EYE
F-221


Similar Part No. - FFSD-06-S-01-N-R

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
FFSD-06-S-01-N-R SAMTEC-FFSD-06-S-01-N-R Datasheet
509Kb / 1P
TIGER EYE™ FLAT IDC WIRE CABLES
F-224
FFSD-06-S-01-N-RW SAMTEC-FFSD-06-S-01-N-RW Datasheet
509Kb / 1P
TIGER EYE™ FLAT IDC WIRE CABLES
F-224
More results

Similar Description - FFSD-06-S-01-N-R

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
FFSD-25-D-18.75-01-N SAMTEC-FFSD-25-D-18.75-01-N Datasheet
1Mb / 1P
TIGER EYE FLAT IDC WIRE CABLES
FFMD-05-01 SAMTEC-FFMD-05-01 Datasheet
192Kb / 1P
TIGER EYE??FLAT IDC WIRE CABLES
FFMD-05-T-06.00-01-N SAMTEC-FFMD-05-T-06.00-01-N Datasheet
192Kb / 1P
TIGER EYE?? FLAT IDC WIRE CABLES
FFSD-05-D-72.00-01-N SAMTEC-FFSD-05-D-72.00-01-N Datasheet
192Kb / 1P
TIGER EYE??FLAT IDC WIRE CABLES
FFSD-13-D-02.50-01-N SAMTEC-FFSD-13-D-02.50-01-N Datasheet
192Kb / 1P
TIGER EYE??FLAT IDC WIRE CABLES
FFTP-05-D-18.00-01-N SAMTEC-FFTP-05-D-18.00-01-N Datasheet
259Kb / 1P
TIGER EYE??TWISTED PAIR IDC CABLES
TCSD-05-D-06.00-01-N SAMTEC-TCSD-05-D-06.00-01-N Datasheet
185Kb / 1P
TIGER EYE??IDC SOCKET CABLE
TCSD-22-01-N SAMTEC-TCSD-22-01-N Datasheet
185Kb / 1P
TIGER EYE IDC SOCKET CABLE
SFML-105-03-S-D-LC SAMTEC-SFML-105-03-S-D-LC Datasheet
604Kb / 2P
RUGGED TIGER EYE™ SYSTEMS (1.27 mm) .050" PITCH
TCSD SAMTEC-TCSD Datasheet
301Kb / 1P
TIGER EYE™ IDC SOCKET CABLE (2.00 mm) .0787" PITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com