Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDMS-02-S-R Datasheet(PDF) 1 Page - Samtec, Inc

Part # IDMS-02-S-R
Description  SLIM BODY FLAT RIBBON IDC CABLES (2.54 mm) .100" PITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

IDMS-02-S-R Datasheet(HTML) 1 Page - Samtec, Inc

  IDMS-02-S-R Datasheet HTML 1Page - Samtec, Inc IDMS-02-S-R Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SERIES
ROW OPTION
-
NO. PINS PER ROW
-
IDM
= Standard Tail Male Plug
IDS
= Socket
S
= Single
D
= Double
(Color coded cable Not available
for 31 thru 36 pins/row. See –G option.)
–02 thru –32
= IDMS/IDMD
–02 thru –36
= IDSS/IDSD
SPECIFICATIONS
Insulator Material:
Black Glass Filled Polyester
Contact (IDSS/IDSD):
BeCu
Terminal (IDMS/IDMD):
Phosphor Bronze
Plating:
Au over 50 µ" (1.27 µm) Ni or
Sn over 100 µ" (2.54 µm) Cu or
50 µ" (1.27 µm) Ni
Wire:
28 AWG 7/36 stranded
Tinned CopperWeb footer
Current Rating (IDMD):
3 A per pin
(2 pins powered)
Temperature Range:
-20 °C to +105 °C
(Rainbow Cable)
-40 °C to +105 °C
(Gray Cable)
Voltage Rating:
425 VAC/600 VDC
Lead Size Range:
(0.56 mm) .022" SQ to
(0.71 mm) .028" SQ
Lead Insertion Depth:
(5.59 mm) .220" to
(6.22 mm) .245"
IDSS/IDMS/IDMD
Mates:
TSW, MTSW, TSM, EJH,
PHT, HMTSW, HTSW,
HW, DW, EW, ZW, MTLW
IDSD
Mates:
TSS, HTSS, ZSS, EJH
Note:
This Series is non-standard,
non-returnable.
IDSS
(Single)
IDSD
(Double)
Double End (—D)
Transfer End (—T)
Single End (—S)
IDMS
(Single)
IDMD
(Double)
(For square or long tail see HCMX Series)
ALSO AVAILABLE
Molded-To-Position
IDC Assembles
Low Profile
Skinny side locks
Dual beam contacts
Single and double row
(6.35mm) .025" square and
(5,84mm) .230" length tail available
Visit samtec.com?HCSD, samtec.com?HCSS,
samtec.com?HCMD or samtec.com?HCMS
for more detailed information.
IDMX shown
IDSX shown
SLIM BODY FLAT
RIBBON IDC CABLES
(2.54 mm) .100" PITCH • IDSS/IDSD/IDMS/IDMD SERIES
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
DOUBLE
Full size (64 positions): (82.55) 3.250
Less than 64 positions: No. Positions/row X (2.54) .100 + (1.68) .066
SINGLE
Full size (32 positions): (81.53) 3.210
Less than 32 positions: No. Positions/row X (2.54) .100 + (0.71) .028
(2.54)
.100
(5.08)
.200
DOUBLE
Full size (72 positions): (92.71) 3.650
Less than 72 positions: No. Positions/row x (2.54) .100 + (1.50) .059
SINGLE
Full size (36 positions): (91.69) 3.610
Less than 36 positions: No. Positions/row x (2.54) .100 + (0.48) .019
(9.27)
.365
REF
(5.08)
.200
(2.54)
.100
F-221 (Rev22DEC22)
samtec.com?IDSS, samtec.com?IDSD, samtec.com?IDMS or samtec.com?IDMD


Similar Part No. - IDMS-02-S-R

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDM-1104HN-35XGA1E ADVANTECH-IDM-1104HN-35XGA1E Datasheet
331Kb / 2P
10.4 XGA Industrial Display with LED B/L
IDM-1121HN-50XGA1E ADVANTECH-IDM-1121HN-50XGA1E Datasheet
332Kb / 2P
12.1 XGA Industrial Display with LED B/L
IDM-1150HN-25XGA1E ADVANTECH-IDM-1150HN-25XGA1E Datasheet
334Kb / 2P
15 XGA Industrial Display with LED B/L
IDM-1156SN-30HDA1E ADVANTECH-IDM-1156SN-30HDA1E Datasheet
351Kb / 2P
15.6 HD Industrial Display with LED B/L
IDM-1185SN-30HDA1E ADVANTECH-IDM-1185SN-30HDA1E Datasheet
329Kb / 2P
18.5 HD Industrial Display with LED B/L
More results

Similar Description - IDMS-02-S-R

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
IDSD-03-D-06.00-T SAMTEC-IDSD-03-D-06.00-T Datasheet
344Kb / 2P
SLIM BODY FLAT RIBBON IDC CABLES
IDSD-05-D-10.00 SAMTEC-IDSD-05-D-10.00 Datasheet
344Kb / 2P
SLIM BODY FLAT RIBBON IDC CABLES
logo
Wurth Elektronik GmbH &...
63911255721 WURTH-63911255721 Datasheet
412Kb / 5P
WR-CAB Ribbon Flat Cables
001.000
63911455721 WURTH-63911455721 Datasheet
412Kb / 5P
WR-CAB Ribbon Flat Cables
001.000
63911655721 WURTH-63911655721 Datasheet
412Kb / 5P
WR-CAB Ribbon Flat Cables
001.000
63912455721CAB WURTH-63912455721CAB Datasheet
329Kb / 5P
WR-CAB Ribbon Flat Cables
001.000
63913455721CAB WURTH-63913455721CAB Datasheet
329Kb / 5P
WR-CAB Ribbon Flat Cables
001.000
63914455721 WURTH-63914455721 Datasheet
412Kb / 5P
WR-CAB Ribbon Flat Cables
001.000
63915055721CAB WURTH-63915055721CAB Datasheet
329Kb / 5P
WR-CAB Ribbon Flat Cables
001.000
63916055721 WURTH-63916055721 Datasheet
413Kb / 5P
WR-CAB Ribbon Flat Cables
001.001
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com