Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDMS-32-D-R Datasheet(PDF) 2 Page - Samtec, Inc

Part # IDMS-32-D-R
Description  SLIM BODY FLAT RIBBON IDC CABLES (2.54 mm) .100" PITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

IDMS-32-D-R Datasheet(HTML) 2 Page - Samtec, Inc

  IDMS-32-D-R Datasheet HTML 1Page - Samtec, Inc IDMS-32-D-R Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
END ASSEMBLY
- ASSEMBLEDLENGHTH -
OPTION
–S
= Single End
(Socket or Male Plug on one end)
–D
= Double End
(Socket or Male Plug on each end)
–T
= Transfer End
(Male Plug on one end with socket on other.
Begin part number with IDM)
–“XX.XX”
= Assembled Length
–T
= Tin Plating
(Both Ends)
–C
= Tin IDM,
10 µ" (0.25 µm) Gold IDS
(-T End Assembly Required)
–A
= Tin IDS,
10 µ"(0.25 µm) Gold IDM
(-T End Assembly Required)
–P “XX”
=Polarized
Specify “XX” as position.
For Double the same position
will be polarized on both ends.
(Not available on IDM unless transfer,
then only the socket is polarized.)
–G
= Gray Cable
Specify –G for Gray cable.
Gray cable has one red edge.
IDSS and IDMS uses
(2.54 mm) .100" centerline cable.
IDSD and IDMD uses
(1.27 mm) .050" centerline cable.
Cable is 28 AWG 7/36 copper wire.
Standard cable is same as
above except color
–ST “X”
= Stripped & Tinned
(Specify Suffix from table)
(All dimensions are ± 1/16" (1.59 mm)
(Not available in 28 positions and higher)
–B “XX”
= Breakout
(Specify “XX” as number of
conductors to be broken out)
(Breakout starts with Number 1 lead
indicated by brown wire or red stripe.
Shown on top side)
–RW
= Reversed Wiring
(#1 wire opposite position #1)
–S “XX”
= Daisy Chain, Single
(When mating double row
connector with two single row
connectors, the outer most single will
be connected to Conductor #1 and
the inside single to Conductor #2)
–D “XX”
= Daisy Chain, Double
–W “XX”
= Wiring Reverse Daisy Chain, Single
(Same as –S “XX” except outer strip
connected to Conductor #2 and inside
strip connected to Conductor #1)
–R
= Reverse
–M
= Middle Reverse
(Requires –SXX, –WXX or –DXX)
–O
= Outside Reverse
(Requires –SXX, –WXX or –DXX)
Reverse (—R)
Middle Reverse (—M)
Outside Reverse (—O)
–ST8
1
/8" (3.18)
–ST4
1
/4" (6.35)
–ST2
1
/2" (12.70)
–ST3
3
/8" (9.53)
Stripped & Tinned (—ST “X”)
Assembled Length in
INCHES (±1/8" )
(2 inches minimum)
Breakout (—B “X”)
“XX”
5"max.
2"min.
Breakout starts with
Number 1 lead indicated
by brown wire or red stripe.
Shown on top side.
2"
min.
4" minimum
“XX” ± 1⁄8"
Double Row
Connectors
(IDSD or
IDMD)
Outer Most
02
04
01
03
72
71
Polarized (—P “XX”)
Daisy Chain SIngle (—S “XX”)
Assembled Length (—“XX.XX”)
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
F-221 (Rev22DEC22)
samtec.com?IDSS, samtec.com?IDSD, samtec.com?IDMS or samtec.com?IDMD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com