Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA2012 Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA2012
Description  High Voltage, Step-up LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA2012 Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA2012 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA2012 Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/10
MA2012
Major Power Technology Co., Ltd.
Rev 1.1
21
th, Feb., 2019
PIN ASSIGNMENT
The package of MA2012 is SOP8L-EP. The pin assignment is given by:
( Top View )
1
2
3
4
8
7
6
5
VIN
FB
SOP8L-EP
SS
OVP
EN
GND
SW
SW
E-PAD
(SW)
Name
Description
E-PAD
Exposed-Pad. Connect to SW pin and make sure a large area to SW-pad for good
cooling.
VIN
Input Supply Pin.
OVP
Over Voltage Protection Pin. Connect a resistor divider to set protect voltage point.
FB
Negative Feedback Input Pin. The FB voltage is 0.2V. Set output current through a
precision resistor from FB to GND, recommended tolerance ±1% or lower.
SS
Soft-Start Pin. Connect an MLCC capacitor from this pin to GND.
SW
Power Switch Output. SW is the drain of the internal MOSFET.
GND
Ground Pin.
EN
Chip Enable Pin. Active high. Internal pull high. To turn-ON, leave this pin floating. To
turn-OFF, connect this pin to GND or give logic low signal.
ORDER/MARKING INFORMATION
Order Information
Top Marking
Package Type
MA2012
Packing
X X
ES: SOP8L-EP
Blank: Tube
A : Taping
X
X X X X X
MA2 0 1 2
Part number
ID code:internal
WW:01~52
Year:19=2019



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com