Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA211F Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA211F
Description  Complementary Output Hall Effect Fan Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA211F Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA211F Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA211F Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/6
MA211F
Major Power Technology Co., Ltd.
Rev.1.3
28
th, Aug., 2019
PIN ASSIGNMENT
The package of MA211F is SIP-4L; the pin assignment is given by:
ORDER / MARKING INFORMATION
Order Information
Top Marking
Package Type
MA211
Packing
A : Taping
XX X
P4: SIP-4L
Blank: BAG
Y Y WW X
211F
Part number
ID code:internal
WW:01~52
Year:15=2015
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
Fan Supply Voltage
VCC
20
V
FG Voltage
VFG
20
V
FG Sink Current
IFG
20
mA
Magnetic Flux Density
B
Unlimited
Gauss
Output Current
Continuous
IO
400
mA
Hold
500
Peak (start up)
700
Power Dissipation
PD
550
mW
Storage Temperature Range
TSTG
-65 to +150
°C
Thermal Resistance from Junction to case
θJC
49
°C/W
Thermal Resistance from Junction to ambient
θJA
227
°C/W
Junction Temperature
TJ
150
°C
Ambient Temperature
TA
-40 to 85
°C
1.10mm
1.9mm
1
FG
2
DO
3
DOB
(Top View)
SIP-4L
4
GND
(Sensor Location)
Name
Description
FG
Rotation speed output
DO
Output 1
DOB Output 2
GND Ground.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com