Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMCP310 Datasheet(PDF) 1 Page - STI Vibration Monitoring Inc.

Part # CMCP310
Description  Switchable Output BNC Junction Boxes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.

CMCP310 Datasheet(HTML) 1 Page - STI Vibration Monitoring Inc.

  CMCP310 Datasheet HTML 1Page - STI Vibration Monitoring Inc. CMCP310 Datasheet HTML 2Page - STI Vibration Monitoring Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMCP310 Series
Switchable Output BNC Junction Boxes
Features:
Connect up to 48 Sensors
Switched Output
MS 5015 2 Pin Connector and BNC Output
IP66, NEMA 4/4X Rated
Fiberglass, Painted Steel or Stainless Steel
Heavy Duty Terminal Strips
Quick Release Door Latches
Sensor Location Door Guide
Optional IP68 Breakthrough Cord Grips
Product Overview
The CMCP310 Series Switchable BNC Junction Boxes are multiple channel connection centers for terminating the
outputs of accelerometers or other transducers. They are normally located in a close proximity to a machine to
reduce wiring costs as well as to provide a convenient and safe location to access sensor signals. The CMCP310
Series BNC Boxes are circuit board based with a removable front cover plate to ease installation. The cover plate
hides all internal wiring to limit exposure for increased protection.
Electrical Specifications:
Input
Connection:
Screw Terminals, 14-22 AWG
Termination:
Bare Wire or Spade Lugs (#6 Screw Size)
Isolation:
Electrically Isolated
Output
Connection:
50Ω BNC Jack (Female)
2 Pin MS 5015 Connector
Switch:
1 Switch Per 12 Channels
Switch Type:
Make Before Break
BNC Dust Caps:
External (-02) Versions Only
Optional IEPE Power (Not Required for When Powered by Data Collector)
Power Input:
24VDC
Current:
Built-in 4.4mA Constant Current Diode
Environmental Specifications:
Material:
FG Option
Compression Molded Fiberglass
PS Option
14 AWG Mild Steel Polyester Powder Coated
SS Option
14 AWG 304 Stainless Steels
NEMA Rating:
FG and SS
NEMA 4, 4X, 12 and 13
PS
NEMA 4, 12 and 13
IP Rating:
IP66
Temperature Range:
-55 to +85°C (-67 to 185°F)
Door Closure:
3/4 Turn Quick Release Latch (Steel) or Quick Release Latch (Fiberglass)
Optional Cord Grips:
Material:
Nylon / Zinc Plated Steel
IP Rating:
IP68
Cable Diameter: 0.17”-0.22” Cable Diameter
Location:
Enclosure Bottom


Similar Part No. - CMCP310

ManufacturerPart #DatasheetDescription
logo
STI Vibration Monitorin...
CMCP310PSB STI-CMCP310PSB Datasheet
779Kb / 1P
CMCP310PSB Portable Switch Box
More results

Similar Description - CMCP310

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
84613-0004 MOLEX-84613-0004 Datasheet
166Kb / 2P
Mini-C PolyPort??Junction Boxes
logo
List of Unclassifed Man...
K825 ETC1-K825 Datasheet
42Kb / 2P
Junction Boxes
logo
Pentair plc. All rights...
A606CHNFSS PENTAIR-A606CHNFSS Datasheet
340Kb / 2P
Junction Boxes
logo
Amphenol Wilcoxon Sensi...
VLD WILCOXON-VLD Datasheet
287Kb / 2P
Dual output switchable junction boxes
Rev.B.1 10/18
VLL WILCOXON-VLL Datasheet
376Kb / 2P
Switchable junction boxes
Rev.A.2 10/18
VLS WILCOXON-VLS Datasheet
327Kb / 2P
Switchable junction boxes
Rev.B.1 10/18
logo
STI Vibration Monitorin...
CMCP300 STI-CMCP300 Datasheet
819Kb / 2P
CMCP300 Series Individual BNC Output Junction Boxes
2/2/2022
CMCP305 STI-CMCP305 Datasheet
299Kb / 1P
CMCP305 Quick Access BNC Junction Boxes
CMCP312 STI-CMCP312 Datasheet
102Kb / 1P
CMCP312 Series 12 Channel DIN Rail Mount Switchable BNC Output
Rev. 6/10
CMCP315 STI-CMCP315 Datasheet
471Kb / 2P
CMCP315 Series Triaxial Accelerometer Switchable BNC Junction Box
09/20/2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com