Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70L Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAS70L
Description  General-purpose Schottky diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS70L Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAS70L Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS70L Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS70L Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS70L Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS70L Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS70L Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS70L Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS70L Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Nexperia
BAS70L
General-purpose Schottky diode
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BAS70L
DFN1006-2
plastic, leadless ultra small package; 2 terminals; 0.65 mm
pitch; 1 mm x 0.6 mm x 0.48 mm body
SOD882
7. Marking
Table 4. Marking codes
Type number
Marking code
BAS70L
S8
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
Tj = 25 °C
-
70
V
IF
forward current
-
70
mA
IFRM
repetitive peak forward
current
tp ≤ 1 s; δ ≤ 0.5
-
70
mA
IFSM
non-repetitive peak
forward current
tp ≤ 10 ms; Tj(init) = 25 °C
-
100
mA
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-65
150
°C
Tstg
storage temperature
-65
150
°C
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] [2] -
-
500
K/W
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
[2] Reflow soldering is the only recommended soldering method.
BAS70L
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
1 January 2023
2 / 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com