Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT32LS Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAT32LS
Description  General-purpose Schottky diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT32LS Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAT32LS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT32LS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT32LS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT32LS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT32LS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT32LS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT32LS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT32LS Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Nexperia
BAT32LS
General-purpose Schottky diode
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BAT32LS
DFN1006BD-2 Leadless ultra small plastic package with side-wettable
flanks (SWF); 2 terminals; 0.65 mm pitch; 1 mm x 0.6 mm
x 0.47 mm body
SOD882BD
7. Marking
Table 4. Marking codes
Type number
Marking code
BAT32LS
8X
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
30
V
IF
forward current
-
200
mA
IFRM
repetitive peak forward
current
tp ≤ 1 ms; δ ≤ 0.25
-
1
A
IFSM
non-repetitive peak
forward current
tp = 8 ms; square wave; Tj(init) = 25 °C
-
3
A
[1]
-
335
mW
Ptot
total power dissipation
Tamb ≤ 25 °C
[2]
-
610
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), 70 μm single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, 70 μm single-sided copper, tin-plated mounting pad for cathode 1 cm2.
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
[1] [2] -
-
375
K/W
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[3]
-
-
205
K/W
[1] Device mounted on an FR4 PCB, 70 µm single-sided copper, tin-plated and standard footprint.
[2] For Schottky barrier diodes thermal runaway has to be considered, as in some applications the reverse power losses PR are a
significant part of the total power losses.
[3] Device mounted on an FR4 PCB, 70 μm single-sided copper, tin-plated mounting pad for cathode 1 cm2.
BAT32LS
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
21 April 2022
2 / 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com