Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA5608ESA Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA5608ESA
Description  40V5A Synchronous Buck Converter With 2CH CC/CV
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5608ESA Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA5608ESA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5608ESA Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/9
MA5608
Major Power Technology Co., Ltd.
Rev.1.1 Apr.12, 2017
40V5A Synchronous Buck Converter With 2CH CC/CV
GENERAL DESCRIPTION
The MA5608 is a monolithic synchronous buck regulator. The device integrates internal high
side and external low side power MOSFETs, and provides 5A of continuous load current over a
wide input voltage. Current mode control provides fast transient response and cycle-by-cycle
current limit.
An internal soft-start prevents inrush current at turn-on, This device available in SOP8L-EP
(Exposed pad) package, provides a very compact solution with minimal external components.
FEATURES
- Wide 8V to 40V Operating Input Range
- Integrated 45mΩ high side Power MOSFET Switches
- Output Adjustable from VFB(1.00V±2%) to 16V
- Up to 95% Efficiency
- Internal Soft-Start and Fixed 160KHz Frequency
- Stable with Low ESR Polymer Al-E-Capacitors
- Cycle-by-Cycle Over Current Protection
- Input Under/Over Voltage Lockout
APPLICATION CIRCUIT
IN
CS2
GND
LG
BS
SW
FB
CS1
C7
10μF
35V
C5
100nF
L1
33μH
R1
40kΩ
R2
10kΩ
C8
10μF
10V
VOUT=5V 4A
5V 1.6A
C6
0.1μF
MA5608
R5
0Ω
PAD(SENSE)
C2
470μF
16V
M1
NMOS
C1
220μF
35V
VIN=8~32V
38mΩ
RSEN1
VOUT1-
RSEN2
VOUT2-
55mΩ
5V 2.4A
CFB
3.3nF
40N04
C11
10μF
35V
RCL
0.1Ω
Option
VOUT=VFB × (1+R1/R2), VFB = 1.00V, R2 suggest 1k~40KΩ
ISEN = 2.63A (ISEN=VCS1(0.1V) / RSEN(38mΩ))


Similar Part No. - MA5608ESA

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA5601 MPOWER-MA5601 Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5601ES MPOWER-MA5601ES Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5601ESA MPOWER-MA5601ESA Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5602 MPOWER-MA5602 Datasheet
525Kb / 8P
38V Synchronous Buck Converter
MA5602ES MPOWER-MA5602ES Datasheet
525Kb / 8P
38V Synchronous Buck Converter
More results

Similar Description - MA5608ESA

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5242 AME-AME5242 Datasheet
839Kb / 15P
40V CC/CV Buck Converter
AME5244 AME-AME5244 Datasheet
875Kb / 15P
40V CC/CV Buck Converter
logo
E-CMOS Corporation
EC9302 E-CMOS-EC9302 Datasheet
579Kb / 8P
38V Synchronous Buck Converter With CC/CV
logo
uPI Group Inc.
UP9601 UPI-UP9601 Datasheet
202Kb / 12P
3A , Wide Input Sensorless CC/CV Synchronous-Rectified Buck Converter
logo
Shenzhen Huazhimei Semi...
HM1682 HMSEMI-HM1682 Datasheet
511Kb / 11P
30 V 2.4 A CC/CV Synchronous Buck Converter
HM1684 HMSEMI-HM1684 Datasheet
784Kb / 15P
30 V 3.1 A CC/CV Synchronous Buck Converter
logo
Major-Power Technology ...
MA5621 MPOWER-MA5621 Datasheet
320Kb / 2P
40V Synchronous Buck Controller with 2ch CC/CV
MA5624 MPOWER-MA5624 Datasheet
167Kb / 2P
30V Synchronous Buck Converter with 2ch CC/CV
MA5625 MPOWER-MA5625 Datasheet
166Kb / 2P
40V Synchronous Buck Converter with 2ch CC/CV
MA5640 MPOWER-MA5640 Datasheet
220Kb / 2P
40V, 4A Synchronous Buck Converter with CC/CV MODE
Rev1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com