Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT854SW Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAT854SW
Description  40 V, 200 mA Schottky barrier dual diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT854SW Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAT854SW Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT854SW Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT854SW Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT854SW Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT854SW Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT854SW Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT854SW Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT854SW Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BAT854SW
40 V, 200 mA Schottky barrier dual diode
4 January 2023
Product data sheet
1. General description
Planar Schottky barrier dual diode with an integrated guard ring for stress protection, encapsulated
in a very small SOT323 (SC-70) Surface-Mounted Device (SMD) plastic package.
2. Features and benefits
• Very low forward voltage
• Very low reverse current
• Guard ring protected
• Very small SMD plastic package
• AEC-Q101 qualified
3. Applications
• Ultra high-speed switching
• Voltage clamping
• Protection circuits
• Blocking diodes
• Low power consumption applications (e.g. hand-held applications)
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VR
reverse voltage
-
-
40
V
IF
forward current
-
-
200
mA
VF
forward voltage
IF = 100 mA; Tamb = 25 °C
-
-
550
mV
IR
reverse current
VR = 25 V; tp ≤ 300 µs; δ ≤ 0.02;
pulsed; Tamb = 25 °C
-
-
0.5
µA


Similar Part No. - BAT854SW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT854SW PHILIPS-BAT854SW Datasheet
56Kb / 8P
Schottky barrier (double) diodes
2001 Feb 27
logo
Guangdong Kexin Industr...
BAT854SW KEXIN-BAT854SW Datasheet
46Kb / 1P
Schottky barrier (double) diodes
logo
NXP Semiconductors
BAT854SW NXP-BAT854SW Datasheet
218Kb / 7P
Schottky barrier (double) diodes
2001 Feb 27
logo
Nexperia B.V. All right...
BAT854SW-Q NEXPERIA-BAT854SW-Q Datasheet
188Kb / 8P
40 V, 200 mA Schottky barrier dual diode
4 January 2023
More results

Similar Description - BAT854SW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BAT721A-Q NEXPERIA-BAT721A-Q Datasheet
193Kb / 8P
40 V, 200 mA Schottky barrier dual diode
24 November 2022
BAT721C NEXPERIA-BAT721C Datasheet
193Kb / 8P
40 V, 200 mA Schottky barrier dual diode
1 October 2022
BAT721S NEXPERIA-BAT721S Datasheet
193Kb / 8P
40 V, 200 mA Schottky barrier dual diode
17 October 2022
BAT854CW-Q NEXPERIA-BAT854CW-Q Datasheet
188Kb / 8P
40 V, 200 mA Schottky barrier dual diode
4 January 2023
BAT854SW-Q NEXPERIA-BAT854SW-Q Datasheet
188Kb / 8P
40 V, 200 mA Schottky barrier dual diode
4 January 2023
BAT854AW-Q NEXPERIA-BAT854AW-Q Datasheet
189Kb / 8P
40 V, 200 mA Schottky barrier dual diode
19 July 2022
BAT721C-Q NEXPERIA-BAT721C-Q Datasheet
192Kb / 8P
40 V, 200 mA Schottky barrier dual diode
3 May 2023
BAT721S-Q NEXPERIA-BAT721S-Q Datasheet
192Kb / 8P
40 V, 200 mA Schottky barrier dual diode
3 May 2023
BAT854AW NEXPERIA-BAT854AW Datasheet
189Kb / 8P
40 V, 200 mA Schottky barrier dual diode
4 January 2023
BAT854CW NEXPERIA-BAT854CW Datasheet
189Kb / 8P
40 V, 200 mA Schottky barrier dual diode
4 January 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com