Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC604-R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SC604-R
Description  Speech And Music Processor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SC604-R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SC604-R Datasheet HTML 2Page - List of Unclassifed Manufacturers SC604-R Datasheet HTML 3Page - List of Unclassifed Manufacturers SC604-R Datasheet HTML 4Page - List of Unclassifed Manufacturers SC604-R Datasheet HTML 5Page - List of Unclassifed Manufacturers SC604-R Datasheet HTML 6Page - List of Unclassifed Manufacturers SC604-R Datasheet HTML 7Page - List of Unclassifed Manufacturers SC604-R Datasheet HTML 8Page - List of Unclassifed Manufacturers SC604-R Datasheet HTML 9Page - List of Unclassifed Manufacturers SC604-R Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SC-604
Data sheet
6
P/N 80-0208-B
© 2002 Sensory Inc.
Pin/Pad Assignments
SC-604
(top view of the die)
36
1
16
35
17
34
SC-604
(64-lead LQFP)
VSS
DACP
PD5
PD6
PD7
PC0
PC1
48
47
42
41
40
39
38
PC2
PC3
PC4
37
36
35
VDD
46
DACM
VDD
PD4
45
44
43
PC5
34
PC6
33
VDD
VDD
R/W_
STROBE_
OUTRDY_
INRDY_
TEST
SCANOUT
SYNC
SCANCLK
SCANIN
RESET_
1
2
3
4
5
6
7
8
9
10
11
12
PLL
OSCIN
OSCOUT
VSS
13
14
15
16
NAME
PIN NO.
PAD NO.
I/O DESCRIPTION
PC0 – PC7
39 → 32
25 → 18
I/O Port C general-purpose I/O (1 Byte)
PD4 – PD7
43 → 40
29 → 26
I/O Port D general-purpose I/O (1 Byte)
I/O (Master) Port D general-purpose I/O
PD0/INRDY
6
6
O (Slave) INRDY output to host
I/O (Master) Port D general-purpose I/O
PD1/OUTRDY_
5
5
O (Slave) OUTRDY_ output to host
I/O (Master) Port D general-purpose I/O
PD2/STROBE_
4
4
O (Slave) STROBE_ input from host
I/O (Master) Port D general-purpose I/O
PD3/R/W_
3
3
O (Slave) Read/write input from host
Pins PD4 and PD5 may be dedicated to the comparator function, if the comparator enable bit is set.
Scan Port Control Signals
SCANIN
11
11
I
Scan port data input
SCANOUT
8
8
O Scan port data output
SCANCLK
10
10
I
Scan port clock
SYNC
9
9
I
Scan port synchronization
TEST
7
7
I
Test modes
The scan port pins must be bonded out on any SC-604 production board.
Reference Oscillator Signals
OSCOUT
15
15
O Resistor/crystal reference out
OSCIN
14
14
I
Resistor/crystal reference in
PLL
13
13
O Phase-lock-loop filter
Digital-to-Analog Sound Output
DACP
47
33
O Digital-to-analog plus output (+)
DACM
45
31
O Digital-to-analog minus output (–)
Initialization
RESET_
12
12
I
Initialization
Power Signals
VSS
16, 48, 49
†, 64 16, 34†, 35, 36
-
Ground
VDD
1, 2, 31, 44, 46
† 1, 2, 17, 30, 32† - Processor power (+)
† The VSS and VDD connections service the DAC circuitry. Their pins tend to sustain a higher current draw. A dedicated decoupling capacitor
across these pins is therefore required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com