Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS-P570 Datasheet(PDF) 1 Page - Lanner All Rights Reserved.

Part # ICS-P570
Description  IEC 61850-3 Wide Temperature Industrial Cybersecurity Gateway
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANNER [Lanner All Rights Reserved.]
Direct Link  http://www.lannerinc.com/
Logo LANNER - Lanner All Rights Reserved.

ICS-P570 Datasheet(HTML) 1 Page - Lanner All Rights Reserved.

  ICS-P570 Datasheet HTML 1Page - Lanner All Rights Reserved. ICS-P570 Datasheet HTML 2Page - Lanner All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ICS-P570
IEC 61850-3 Wide Temperature
Industrial Cybersecurity Gateway
Features
Preliminary Specifications
• Comply with IEC 61850-3 and IEEE 1613
• AMD Ryzen V1404I
• 6x GbE RJ45 or 4x GbE RJ45 + 2x GbE SFP
• RJ45 LAN Support one pair LAN bypass
• Front-access I/O: RJ45 Console, USB 3.0 and 2x DIO ports
• Optional LTE module support
• Dual +12~48Vdc Power Input
• Wide Operating Temperature -40~70ºC
Processor System
CPU
AMD Ryzen V1404I
Frequency
Max: 3.6 GHz, Base: 2GHz
Core Number
4
BIOS
AMI SPI Flash BIOS
Chipset
SoC
Fanless
Yes
Memory
Technology
DDR4, 2400 MHz
Max. Capacity
32 GB
Socket
2 x 260-pin SODIMM
Graphic
Controller
Vega 8 Graphics
Interface
1 x internal HDMI pin-header
Ethernet
Controller
Intel i210-IT / i210IS
Speed
RJ45: 100M/1G/2.5Gbps, SFP: 1 Gbps
Interface
6 x GbE RJ45 or 4 x GbE RJ45 + 2x GbE SFP
Bypass
1 pair LAN Bypass by RJ45
Storage
Type
SATA
Installation
1 x M.2 M Key 2242
Type
SD
Installation
1 x Micro SD reader
Expansion
1x M.2 B-Key 3042 for LTE module, with dual Nano-SIM
I/O
Console Port
1x RJ45 console
DIO
2 x Isolated DIO
USB
1x USB 3.0
Power-On/Reset Button
Reset button
TPM
Onboard TPM 2.0
LED
1x POWER/STATUS/HDD LED (3 LEDs)
2x LEDs per eth ports (total 12 LEDs)
1x LED per DI or DO (total 4 LEDs)
Watchdog Timer
Watchdog timer 256 level time interval system reset, software program-
mable
Power
Power Supply Voltage
Dual +12~48Vdc
Connector
Phoenix contact 6-pin connector with lock
Power Consumption (Idle)
TBD
Power Consumption (Full
Load)
TBD
Power Adaptor
None
Environment
Operating Temperature
-40 ~ 70ºC
Storage Temperature
-40 ~ 85ºC
Relative Humidity
5% ~ 95%, non-condensing
Mechanical
Dimension (W x H x D)
65 x 201 x 196 mm
Construction
Aluminum + SGCC
Weight
2.5 kg
Mounting
DIN rail mount, optional wall mount
Driver Support
Linux
Linux Kernel 2.6X or later
Certification
EMC
FCC/CE Class A, UL (IEC-62368)
Others
IEC 61850-3, IEEE 1613
lmages are for refernce only. See ordering information for SKU details.


Similar Part No. - ICS-P570

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
ICS-P371 LANNER-ICS-P371 Datasheet
478Kb / 2P
IEC 61850-3 Wide Temperature Industrial Cybersecurity Gateway
V.2-2022.12,15
ICS-P371A LANNER-ICS-P371A Datasheet
478Kb / 2P
IEC 61850-3 Wide Temperature Industrial Cybersecurity Gateway
V.2-2022.12,15
ICS-P371B LANNER-ICS-P371B Datasheet
478Kb / 2P
IEC 61850-3 Wide Temperature Industrial Cybersecurity Gateway
V.2-2022.12,15
ICS-P371C LANNER-ICS-P371C Datasheet
478Kb / 2P
IEC 61850-3 Wide Temperature Industrial Cybersecurity Gateway
V.2-2022.12,15
ICS-P371D LANNER-ICS-P371D Datasheet
478Kb / 2P
IEC 61850-3 Wide Temperature Industrial Cybersecurity Gateway
V.2-2022.12,15
More results

Similar Description - ICS-P570

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-6021A ETC2-LEC-6021A Datasheet
170Kb / 2P
IEC 61850-3 Wide Temperature ICS Cyber Security Box PC with Intel Atom N2600 Processor
logo
ORing Industrial Networ...
IGS-P9164 ORING-IGS-P9164 Datasheet
2Mb / 7P
Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IGS-P9812GP ORING-IGS-P9812GP Datasheet
2Mb / 5P
Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
RES-P3242GCL ORING-RES-P3242GCL Datasheet
1Mb / 4P
Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
IES-P3073GC ORING-IES-P3073GC Datasheet
2Mb / 5P
Industrial IEC 61850-3 10-port managed Ethernet switch
RDS-P3000 ORING-RDS-P3000 Datasheet
297Kb / 5P
Industrial IEC 61850-3 modular rack mount Device Server
RGS-PR9000-A ORING-RGS-PR9000-A Datasheet
612Kb / 8P
Industrial advanced Layer 3 IEC 61850-3 modular rack mount
RES-P9242GCL ORING-RES-P9242GCL Datasheet
509Kb / 7P
Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
logo
Lanner All Rights Reser...
LEC-6041 LANNER-LEC-6041 Datasheet
619Kb / 2P
IEC 61850-3 Wide Temperature ICS Cyber Security Gateway with Intel Atom CPU
ICS-P371 LANNER-ICS-P371 Datasheet
478Kb / 2P
IEC 61850-3 Wide Temperature Industrial Cybersecurity Gateway
V.2-2022.12,15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com