Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS-P371D Datasheet(PDF) 2 Page - Lanner All Rights Reserved.

Part # ICS-P371D
Description  IEC 61850-3 Wide Temperature Industrial Cybersecurity Gateway
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANNER [Lanner All Rights Reserved.]
Direct Link  http://www.lannerinc.com/
Logo LANNER - Lanner All Rights Reserved.

ICS-P371D Datasheet(HTML) 2 Page - Lanner All Rights Reserved.

  ICS-P371D Datasheet HTML 1Page - Lanner All Rights Reserved. ICS-P371D Datasheet HTML 2Page - Lanner All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Lanner Electronics Inc. All rights reserved.
All product specifications are subject to change without notice.
contact@lannerinc.com | www.lannerinc.com
Product I/O View
Dimensions (W x H x D): 87 x 196 x 180 mm
ICS-P371A
IEC 61850-3 Wide Temperature Industrial Cyber Security Gateway with Intel Atom X6211E processor, 6x RJ45, 2x SFP LAN Ports, LTE/5G-Sub6,
and SATA storage expansion
ICS-P371B
IEC 61850-3 Wide Temperature Industrial Cyber Security Gateway with Intel Atom X6413E processor, 6x RJ45, 2x SFP LAN Ports, LTE/5G-
Sub6, and SATA Storage expansion
ICS-P371C
IEC 61850-3 Wide Temperature Industrial Cyber Security Gateway with Intel Atom X6425E processor, 6x RJ45, 2x SFP LAN Ports, LTE/5G-
Sub6, and SATA Storage expansion
ICS-P371D
IEC 61850-3 Wide Temp Industrial Cyber Security Gateway with Intel® Atom® X6211E processor, 6x RJ45, 2x SFP LAN Ports, LTE/5G-Sub6
and SATA storage expansion, and Wi-Fi and IPMI module expansion
ICS-P371E
IEC 61850-3 Wide Temp Industrial Cyber Security Gateway with Intel® Atom® X6413E processor, 6x RJ45, 2x SFP LAN Ports, LTE/5G-Sub6
and SATA Storage expansion, and Wi-Fi and IPMI module expansion
ICS-P371F
IEC 61850-3 Wide Temp Industrial Cyber Security Gateway with Intel® Atom® X6425E processor, 6x RJ45, 2x SFP LAN Ports, LTE/5G-Sub6
and SATA Storage expansion, and Wi-Fi and IPMI module expansion
Ordering Information
A
B
C
DC IN
USB
RJ45
D
E
F
SFP
COM
DIO
V.2-2022.12,15
A
B
C
D
E
F
G
G Optional IPMI
A0 (1189x841)
10
11
12
13
14
15
16
19
18
17
N
O
1
87
180
MARK DATE
REV
DESCRIPTION
APPROVED
PART
NAME
MODEL
PART NO
EXAMINED
MATERIAL
UNIT
SCALE
PERSPECTIVE
FILE NAME
THICKNESS
mm
1:1
VERSION
00.4
DATE
Dec-15-21
DESIGNED
COATING
CLASSIFICATION
SIZE
SHEET
PAINTING
2
A0
1/1
TOL
RANGE
A
B
C
D
0~6
0.02
0.05
0.1
0.2
>6~30
0.03
0.1
0.15
0.3
>30~150
0.05
0.15
0.2
0.5
>150~400
0.09
0.25
0.35
0.7
>400
0.12
0.35
0.5
1.0
ANGLE
0 - 30
0.1
>30 - 60
0.3
>60 - 90
0.5
Reset
1
2
3
4
5
6
7
8
A
B
C
D
E
F
9
10
11
12
G
H
13
14
15
16
I
J
K
L
M
N
O
P
H
G
F
E
D
C
B
A
M
L
K
J
I
24
23
22
21
20
19
18
17
7
6
5
4
3
2
1
9
8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com