Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS-P371F Datasheet(PDF) 1 Page - Lanner All Rights Reserved.

Part # ICS-P371F
Description  IEC 61850-3 Wide Temperature Industrial Cybersecurity Gateway
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANNER [Lanner All Rights Reserved.]
Direct Link  http://www.lannerinc.com/
Logo LANNER - Lanner All Rights Reserved.

ICS-P371F Datasheet(HTML) 1 Page - Lanner All Rights Reserved.

  ICS-P371F Datasheet HTML 1Page - Lanner All Rights Reserved. ICS-P371F Datasheet HTML 2Page - Lanner All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ICS-P371
IEC 61850-3 Wide Temperature
Industrial Cybersecurity Gateway
Features
Preliminary Specifications
• IEC 61850-3 and IEEE 1613 Certified
• Intel® Atom™ X6211E/X6413E/X6425E CPU (formerly Elkhart Lake)
• 6x 100M/1G/2.5 GbE RJ45 with 1 pair bypass, 2x GbE SFP, TPM 2.0,
2x COM, 2x USB, 2x DIO
• Chassis Intrusion Detect, Optional Wi-Fi 6E & IPMI support
• 1x M.2 B-Key w/ dual-Nano SIM For LTE/5G-sub6, 1x M.2 E-Key for
Wi-Fi module (By SKU)
• Dual +12~48Vdc Power Input, Operating Temperature -40~70ºC
Processor System
CPU
Intel Atom X6211E/X6413E/X6425E
Frequency
Atom X6211E: 1.3 GHz,
Atom X6413E: 1.5 GHz
Atom X6425E: 2.0 GHz
Core Number
Atom X6211E: 2, X6413E/X6425E: 4
BIOS
AMI SPI Flash BIOS
Chipset
SoC
Fanless
Yes
Memory
Technology
DDR4, non ECC & IB-ECC
Max. Capacity
32 GB
Socket
1 x 260-pin SODIMM
Graphic
Controller
N/A
Interface
1 x internal DP pin-header
Ethernet
Controller
Intel i226T/i210IS
Speed
RJ45: 100M/1G/2.5Gbps, SFP: 1 Gbs
Interface
6 x RJ45, 2 x SFP, 2x IPMI Ports (By SKU)
Bypass
1 pair Bypass by RJ45
Storage
Type
SATA
Installation
1 x 2.5” drive bay, 1 x M.2 M Key 2242
Type
SD
Installation
1 x Micro SD reader
Expansion
1x M.2 B-Key 3042/3050/3052 for LTE/5G Sub6 module, with dual Na-
no-SIM; 1x M.2 E-Key for Wi-Fi module (By SKU)
I/O
Serial Port
2 x RS-232, DB9 male
DIO
2 x Isolated DIO
USB
1x USB 3.0, 1x USB 2.0 type A
Power-On/Reset Button
Reset button
LED
System Status, Ethernet Status & Program-
mable LEDs
Watchdog Timer
Watchdog timer 256 level time interval system reset, software program-
mable
Power
Power Supply Voltage
Dual +12~48Vdc
Connector
Phoenix contact 6-pin connector with lock
Power Consumption (Idle)
TBD
Power Consumption (Full
Load)
TBD
Power Adaptor
None
Environment
Operating Temperature
-40 ~ 70ºC
Storage Temperature
-40 ~ 85ºC
Relative Humidity
5% ~ 95%, non-condensing
Mechanical
Dimension (W x H x D)
87 x 196 x 180 mm
Construction
Aluminum + SGCC
Weight
2.2 kg
Mounting
DIN rail mount or optional wall mount
Driver Support
Microsoft Windows
Windows 10/11 IoT
Linux
Linux Kernel 2.6X or later
Certification
EMC
FCC/CE Class A, UL (IEC-62368), C1D2
Others
IEC 61850-3, IEEE 1613
lmages are for refernce only. See ordering information for SKU details.


Similar Part No. - ICS-P371F

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
ICS-P570 LANNER-ICS-P570 Datasheet
903Kb / 2P
IEC 61850-3 Wide Temperature Industrial Cybersecurity Gateway
V.1-2023.2,16
ICS-P570A LANNER-ICS-P570A Datasheet
903Kb / 2P
IEC 61850-3 Wide Temperature Industrial Cybersecurity Gateway
V.1-2023.2,16
ICS-P570B LANNER-ICS-P570B Datasheet
903Kb / 2P
IEC 61850-3 Wide Temperature Industrial Cybersecurity Gateway
V.1-2023.2,16
More results

Similar Description - ICS-P371F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-6021A ETC2-LEC-6021A Datasheet
170Kb / 2P
IEC 61850-3 Wide Temperature ICS Cyber Security Box PC with Intel Atom N2600 Processor
logo
ORing Industrial Networ...
IGS-P9164 ORING-IGS-P9164 Datasheet
2Mb / 7P
Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IGS-P9812GP ORING-IGS-P9812GP Datasheet
2Mb / 5P
Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
RES-P3242GCL ORING-RES-P3242GCL Datasheet
1Mb / 4P
Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
IES-P3073GC ORING-IES-P3073GC Datasheet
2Mb / 5P
Industrial IEC 61850-3 10-port managed Ethernet switch
RDS-P3000 ORING-RDS-P3000 Datasheet
297Kb / 5P
Industrial IEC 61850-3 modular rack mount Device Server
RGS-PR9000-A ORING-RGS-PR9000-A Datasheet
612Kb / 8P
Industrial advanced Layer 3 IEC 61850-3 modular rack mount
RES-P9242GCL ORING-RES-P9242GCL Datasheet
509Kb / 7P
Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
logo
Lanner All Rights Reser...
LEC-6041 LANNER-LEC-6041 Datasheet
619Kb / 2P
IEC 61850-3 Wide Temperature ICS Cyber Security Gateway with Intel Atom CPU
ICS-P570 LANNER-ICS-P570 Datasheet
903Kb / 2P
IEC 61850-3 Wide Temperature Industrial Cybersecurity Gateway
V.1-2023.2,16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com