Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCY87 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BCY87
Description  NPN general purpose transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCY87 Datasheet(HTML) 2 Page - NXP Semiconductors

  BCY87 Datasheet HTML 1Page - NXP Semiconductors BCY87 Datasheet HTML 2Page - NXP Semiconductors BCY87 Datasheet HTML 3Page - NXP Semiconductors BCY87 Datasheet HTML 4Page - NXP Semiconductors BCY87 Datasheet HTML 5Page - NXP Semiconductors BCY87 Datasheet HTML 6Page - NXP Semiconductors BCY87 Datasheet HTML 7Page - NXP Semiconductors BCY87 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997 Jun 20
2
Philips Semiconductors
Product specification
NPN general purpose transistors
BCY87; BCY88; BCY89
FEATURES
• Low current (max. 30 mA)
• Low voltage (max. 45 V).
APPLICATIONS
• Differential amplifier applications in general industrial
service e.g. instrumentation and control
• The BCY87 and BCY88 are intended for use in
pre-stages of differential amplifiers where low offset, low
drift and low noise are of prime importance
• The BCY89 is intended for use in second stages of
differential amplifiers, long-tailed pairs and more general
applications.
DESCRIPTION
Matched dual NPN transistors in a TO-71; SOT31 metal
package. Products are divided into 3 types according to
their matching accuracy.
PINNING
Note
1. All leads insulated from the case.
PIN(1)
DESCRIPTION
1
emitter TR1
2
emitter TR2
3
collector TR2
4
basis TR2
5
basis TR1
6
collector TR1
Fig.1
Simplified outline (TO-71; SOT31)
and symbol.
handbook, halfpage
MAM351
13
5
TR1
TR2
6
2
4
1
3
4
5
6
2
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per transistor
VCBO
collector-base voltage
open emitter
−
45
V
VCEO
collector-emitter voltage
open base
−
40
V
Ptot
total power dissipation
Tamb ≤ 25 °C
−
150
mW
hFE
DC current gain
VCE =10V
BCY87
IC =5 µA80
−
BCY88
IC = 500 µA
120
600
BCY89
IC = 10 mA
100
600
hFE
DC current gain
IC =50 µA; VCE = 10 V
100
450
fT
transition frequency
IC = −50 µA; VCE = 10 V; f = 100 MHz
10
−
MHz
IC = −500 µA; VCE = 10 V; f = 100 MHz
50
−
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com