Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5A3166DBVR Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # TS5A3166DBVR
Description  0.9-OHM SPST ANALOG SWITCH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TS5A3166DBVR Datasheet(HTML) 1 Page - National Semiconductor (TI)

  TS5A3166DBVR Datasheet HTML 1Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 2Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 3Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 4Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 5Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 6Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 7Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 8Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TS5A3166
0.9 W SPST ANALOG SWITCH
SCDS186 − FEBRUARY 2005
Description
The TS5A3166 is a single-pole single-throw (SPST)
analog switch that is designed to operate from 1.65 V
to 5.5 V. The device offers a low ON-state resistance.
The device has excellent total harmonic distortion
(THD) performance and consumes very low power.
These features make this device suitable for portable
audio applications.
Applications
D Cell Phones
D PDAs
D Portable Instrumentation
D Audio and Video Signal Routing
D Low-Voltage Data-Acquisition Systems
D Communication Circuits
D Modems
D Hard Drives
D Computer Peripherals
D Wireless Terminals and Peripherals
D Microphone Switching – Notebook Docking
3
SOT-23 OR SC-70 PACKAGE
(TOP VIEW)
1
2
34
5
NO
COM
GND
IN
V+
4
5
2
1
YEP OR YZP PACKAGE
(BOTTOM VIEW)
GND
COM
NO
IN
V+
FUNCTION TABLE
IN
NO TO COM,
COM TO NO
L
OFF
H
ON
Features
D Isolation in the Powered-Off Mode, V+ = 0
D Low ON-State Resistance (0.9 W)
D Control Inputs Are 5.5-V Tolerant
D Low Charge Injection
D Low Total Harmonic Distortion (THD)
D 1.65-V to 5.5-V Single-Supply Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model
(A114-B, Class II)
− 1000-V Charged-Device Model (C101)
Summary of Characteristics
V+ = 5 V, TA = 25°C
Configuration
Single Pole
Single Throw
(SPST)
Number of channels
1
ON-state resistance (ron)
0.9
Ω
ON-state resistance flatness (ron(flat))
0.15
Ω
Turn-on/turn-off time (tON/tOFF)
7.5 ns/12.5 ns
Charge injection (QC)
1 pC
Bandwidth (BW)
200 MHz
OFF isolation (OISO)
−64 dB at 1 MHz
Total harmonic distortion (THD)
0.005%
Leakage current (ICOM(OFF))
±20 nA
Power-supply current (I+)
0.5
µA
Package option
5-pin DSBGA, SOT-23,
or SC-70
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2005, Texas Instruments Incorporated


Similar Part No. - TS5A3166DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3166DBVR TI-TS5A3166DBVR Datasheet
565Kb / 23P
0.9-廓 SPST ANALOG SWITCH
TS5A3166DBVR TI1-TS5A3166DBVR Datasheet
1Mb / 32P
SPST Analog Switch
logo
TECH PUBLIC Electronics...
TS5A3166DBVR-TP TECHPUBLIC-TS5A3166DBVR-TP Datasheet
2Mb / 5P
SINGLE-CHANNEL 2Q SPST Analog Switches
logo
Texas Instruments
TS5A3166DBVRE4 TI-TS5A3166DBVRE4 Datasheet
565Kb / 23P
0.9-廓 SPST ANALOG SWITCH
TS5A3166DBVRE4 TI1-TS5A3166DBVRE4 Datasheet
1Mb / 32P
SPST Analog Switch
More results

Similar Description - TS5A3166DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A1066 TI-TS5A1066 Datasheet
220Kb / 19P
10 OHM SPST ANALOG SWITCH
TS5A3167 TI-TS5A3167 Datasheet
270Kb / 20P
0.9 OHM SPST ANALOG SWITCH
TS5A23166 TI-TS5A23166 Datasheet
331Kb / 22P
0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS3A4751 TI-TS3A4751 Datasheet
195Kb / 14P
0.9-ohm LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4741 TI-TS3A4741 Datasheet
291Kb / 14P
0.9-OHM LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
0.9-廓 SPST ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
0.9 Dual SPST Analog Switch
logo
Texas Instruments
TS5A3166 TI-TS5A3166_15 Datasheet
1,012Kb / 31P
TS5A3166 0.9-廓 SPST Analog Switch
TS5A3166-Q1 TI-TS5A3166-Q1_15 Datasheet
896Kb / 30P
TS5A3166-Q1 0.9-廓 SPST Analog Switch
TS5A3167 TI-TS5A3167_15 Datasheet
1Mb / 27P
0.9-廓 SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com