Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGL Datasheet(PDF) 1 Page - ITT Industries

Part # CGL
Description  Circular; Industrial Automation Machine Tools Motion Control
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CGL Datasheet(HTML) 1 Page - ITT Industries

  CGL Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Version 05.01.03
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
D-08
Circular; VG96912
CGL/CGL-B
For safety, CGL/CGL-B commercial
circular power connectors feature a
first-to-mate grounding contact which
is securely linked to the connector shell to
protect against mishandling; i.e. unmating of
the connector under load. CGL series are
intermateable with all MIL-C-5015 connectors
and all CA and CA-COM series with
corresponding size and contact arrangements.
CGL-B series are intermateable with VG95234
connectors and VG/CA-Bayonet series with
corresponding size and contact arrangements.
Fluid resistant elastomers provide maximum
protection against degrading fuels, oils,
coolants and cleansers.
Applications:
Industrial Automation
Machine Tools
Motion Control
Recognized under the component program
of UL Inc. and CSA.
Resilient insulators.
CGL
Threaded coupling.
Sealed to IP65.
CGL-B
Bayonet coupling.
Sealed to IP67.
Performance Specifications
Connector Durability
500 mating cycles min.
Contact Current Rating
245 A max. at 20°C (68°F)
Contact Resistance
12 mΩ max.
Contact Retention
30 N min. Test Force
Contact Termination
Crimp; Solder
Environmentally Sealed
IP65 (CGL); IP67 (CGL-B)
Number of Circuits
Up to 128
Operating Temperature
–55°C to 125°C (–67°F to 257°F)
Polarization
Keyway
Shell Style
Plug, Cable Connecting
Plug, Straight
Plug, 90°
Receptacle, Box Mount
Receptacle, Wall Mount
Size or Length
9 sizes
Vibration
200 m/s2 at 10 to 2000 hrs
Materials and Finishes
Description
Material
Finish
Shell
Aluminum Alloy
Nickel
Insulator (Resilient)
Polychloroprene
Contact
Copper Alloy
Hard Silver or Nickel and Hard Gold
Sealing Gasket
Neoprene
Product Features
For more information: www.ittcannon.com/cat113
Please contact your local Cannon representative: www.ittcannon.com/support/ContactUs
✧ Dependant upon contact size.


Similar Part No. - CGL

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
CGL-4P150BRD COOLGEAR-CGL-4P150BRD Datasheet
522Kb / 2P
USB PD Integrator Board for 150W Charging USB C/A Multi-Port - PCBA
CGL-4P180WUC COOLGEAR-CGL-4P180WUC Datasheet
675Kb / 2P
USB PD-Power Hub 4X45 180W TYPE-C Power Delivery MultiPort Charger with QC3.0
Rev 01.200714
CGL-CCG3PAV3 COOLGEAR-CGL-CCG3PAV3 Datasheet
2Mb / 2P
USB Car Charger Board 60W USB C High Power PCB Only with Cypress CCG3PA, PPS Support
Rev 01.200715
logo
3M Electronics
CGL-CR 3M-CGL-CR Datasheet
231Kb / 2P
3M™ Comfort Grip Gloves
January 2020
CGL-CRE 3M-CGL-CRE Datasheet
231Kb / 2P
3M™ Comfort Grip Gloves
January 2020
More results

Similar Description - CGL

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KPTC ITT-KPTC Datasheet
87Kb / 1P
Circular Industrial Automotive Motion Control
logo
ETAL Group
3300-IG2 ETAL-3300-IG2 Datasheet
229Kb / 4P
Control systems, instrumentation, medical equipment, machine tools, robotics
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
Process control and industrial automation
Rev. 0
logo
Bel Fuse Inc.
LDD240 BEL-LDD240 Datasheet
601Kb / 4P
Industrial machine control
LDD240-WU BEL-LDD240-WU Datasheet
797Kb / 5P
Industrial machine control
logo
OSRAM GmbH
SFH2401 OSRAM-SFH2401 Datasheet
861Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SPLDS90A OSRAM-SPLDS90A_3 Datasheet
592Kb / 12P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SPLS1L90A_3A01 OSRAM-SPLS1L90A_3A01 Datasheet
1Mb / 20P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SPLS4L90A_3A01 OSRAM-SPLS4L90A_3A01 Datasheet
1Mb / 20P
Industrial Automation (Machine Controls, Ligh Barriers, Vision Controls)
SPLTL90AT03 OSRAM-SPLTL90AT03 Datasheet
840Kb / 15P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com