Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGL-B Datasheet(PDF) 1 Page - ITT Industries

Part # CGL-B
Description  Circular; Industrial Automation Machine Tools Motion Control
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CGL-B Datasheet(HTML) 1 Page - ITT Industries

  CGL-B Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Version 05.01.03
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
D-08
Circular; VG96912
CGL/CGL-B
For safety, CGL/CGL-B commercial
circular power connectors feature a
first-to-mate grounding contact which
is securely linked to the connector shell to
protect against mishandling; i.e. unmating of
the connector under load. CGL series are
intermateable with all MIL-C-5015 connectors
and all CA and CA-COM series with
corresponding size and contact arrangements.
CGL-B series are intermateable with VG95234
connectors and VG/CA-Bayonet series with
corresponding size and contact arrangements.
Fluid resistant elastomers provide maximum
protection against degrading fuels, oils,
coolants and cleansers.
Applications:
• Industrial Automation
• Machine Tools
• Motion Control
• Recognized under the component program
of UL Inc. and CSA.
• Resilient insulators.
CGL
• Threaded coupling.
• Sealed to IP65.
CGL-B
• Bayonet coupling.
• Sealed to IP67.
Performance Specifications
Connector Durability
500 mating cycles min.
Contact Current Rating
245 A max. at 20°C (68°F)✧
Contact Resistance
12 mΩ max.✧
Contact Retention
30 N min. Test Force✧
Contact Termination
Crimp; Solder
Environmentally Sealed
IP65 (CGL); IP67 (CGL-B)
Number of Circuits
Up to 128
Operating Temperature
–55°C to 125°C (–67°F to 257°F)
Polarization
Keyway
Shell Style
Plug, Cable Connecting
Plug, Straight
Plug, 90°
Receptacle, Box Mount
Receptacle, Wall Mount
Size or Length
9 sizes
Vibration
200 m/s2 at 10 to 2000 hrs
Materials and Finishes
Description
Material
Finish
Shell
Aluminum Alloy
Nickel
Insulator (Resilient)
Polychloroprene
—
Contact
Copper Alloy
Hard Silver or Nickel and Hard Gold
Sealing Gasket
Neoprene
—
Product Features
For more information: www.ittcannon.com/cat113
Please contact your local Cannon representative: www.ittcannon.com/support/ContactUs
✧ Dependant upon contact size.


Similar Part No. - CGL-B

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
CGL-4P150BRD COOLGEAR-CGL-4P150BRD Datasheet
522Kb / 2P
USB PD Integrator Board for 150W Charging USB C/A Multi-Port - PCBA
CGL-4P180WUC COOLGEAR-CGL-4P180WUC Datasheet
675Kb / 2P
USB PD-Power Hub 4X45 180W TYPE-C Power Delivery MultiPort Charger with QC3.0
Rev 01.200714
CGL-CCG3PAV3 COOLGEAR-CGL-CCG3PAV3 Datasheet
2Mb / 2P
USB Car Charger Board 60W USB C High Power PCB Only with Cypress CCG3PA, PPS Support
Rev 01.200715
logo
3M Electronics
CGL-CR 3M-CGL-CR Datasheet
231Kb / 2P
3M™ Comfort Grip Gloves
January 2020
CGL-CRE 3M-CGL-CRE Datasheet
231Kb / 2P
3M™ Comfort Grip Gloves
January 2020
More results

Similar Description - CGL-B

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KPTC ITT-KPTC Datasheet
87Kb / 1P
Circular Industrial Automotive Motion Control
logo
ETAL Group
3300-IG2 ETAL-3300-IG2 Datasheet
229Kb / 4P
Control systems, instrumentation, medical equipment, machine tools, robotics
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
Process control and industrial automation
Rev. 0
logo
Bel Fuse Inc.
LDD240 BEL-LDD240 Datasheet
601Kb / 4P
Industrial machine control
LDD240-WU BEL-LDD240-WU Datasheet
797Kb / 5P
Industrial machine control
logo
OSRAM GmbH
SFH2401 OSRAM-SFH2401 Datasheet
861Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SPLDS90A OSRAM-SPLDS90A_3 Datasheet
592Kb / 12P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SPLS1L90A_3A01 OSRAM-SPLS1L90A_3A01 Datasheet
1Mb / 20P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SPLS4L90A_3A01 OSRAM-SPLS4L90A_3A01 Datasheet
1Mb / 20P
Industrial Automation (Machine Controls, Ligh Barriers, Vision Controls)
SPLTL90AT03 OSRAM-SPLTL90AT03 Datasheet
840Kb / 15P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com