Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF950 Datasheet(PDF) 1 Page - Oxford Semiconductor

Part # CF950
Description  Mobile Data Bridging
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

CF950 Datasheet(HTML) 1 Page - Oxford Semiconductor

  CF950 Datasheet HTML 1Page - Oxford Semiconductor CF950 Datasheet HTML 2Page - Oxford Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.oxsemi.com
Connectivity for consumer electronics
CF950 and CB950
Mobile Data Bridging
Bluetooth
1394
Firewire
USB 2.0
Evolving
Standards
CF/
PCMCIA
-- or --
CB
mPCI
EEPROM
Interface
UART
128B
Fifo
Local
bus
The Oxford CF950 and CB950 integrate a high performance UART and bridge to PCMCIA,
Compact Flash, Card Bus and Mini PCI. A comprehensive set of reference designs, drivers
and applications notes target Mac, PC and PDA Bluetooth mobile data cards.
Key features
Key features
Connects directly to Bluetooth baseband
Single Chip solution, supporting
and Mobile Data modules
wide variety of GPRS, PDC, CDMA
and Bluetooth Radio solutions
15Mbps UART with 128Byte buffer
Future proof performance with a
battery friendly buffer
8bit local bus
Multi function designs, and GPIO
flexibility
EEPROM personalisation interface
Personalisation utility (OXPROM)
Driver support for NT, XP, OSX
Simplifies product support
Connects directly to Bluetooth baseband
Single Chip solution, supporting
and Mobile Data modules
wide variety of GPRS, PDC, CDMA
and Bluetooth Radio solutions
15Mbps UART with 128Byte buffer
Future proof performance with a
battery friendly buffer
8bit local bus
Multi function designs, and GPIO
flexibility
EEPROM personalisation interface
Personalisation utility (OXPROM)
Driver support for NT, XP, OSX
Simplifies product support


Similar Part No. - CF950

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF9501A NPC-CF9501A Datasheet
138Kb / 10P
Radio Controlled Clock Receiver IC
More results

Similar Description - CF950

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46H32M16 MICRON-MT46H32M16 Datasheet
113Kb / 3P
Mobile Double Data Rate (DDR) SDRAM
MT46H16M16 MICRON-MT46H16M16 Datasheet
112Kb / 3P
Mobile Double Data Rate (DDR) SDRAM
logo
Oxford Semiconductor
9160 OXFORD-9160 Datasheet
55Kb / 2P
Simple PCI Bridging
logo
Filtran LTD
3858-3 FILTRAN-3858-3 Datasheet
138Kb / 1P
Audio Line Coupling / Bridging Transformer
TPA4499 FILTRAN-TPA4499 Datasheet
29Kb / 1P
Audio Bridging Transformer
TEW5564 FILTRAN-TEW5564 Datasheet
32Kb / 1P
ISDN Isolation/Bridging Tranformer
TEW6140 FILTRAN-TEW6140 Datasheet
22Kb / 1P
Audio Bridging Transformer
logo
Bolymin, Inc
BETA903A BOLYMIN-BETA903A Datasheet
185Kb / 2P
Mobile Data Terminal
logo
API Technologies Corp
TEW5564 APITECH-TEW5564 Datasheet
562Kb / 1P
Isolation/Bridging Transformer
logo
Hubbell Incorporated.
BR851B HUBBELL-BR851B Datasheet
245Kb / 1P
Bridging Y Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com