Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8036DG4 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP8036DG4
Description  APC Amplifier with Integrated Photodiode and Gain Adjust Capability
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8036DG4 Datasheet(HTML) 2 Page - Sipex Corporation

  SP8036DG4 Datasheet HTML 1Page - Sipex Corporation SP8036DG4 Datasheet HTML 2Page - Sipex Corporation SP8036DG4 Datasheet HTML 3Page - Sipex Corporation SP8036DG4 Datasheet HTML 4Page - Sipex Corporation SP8036DG4 Datasheet HTML 5Page - Sipex Corporation SP8036DG4 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev 0.8 (09/25/06)
SP8036 APC Amplifier
2006 Sipex Corporation
page
2 of 6
FUNCTIONAL DIAGRAM
Figure 1: Functional Diagram
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at these ratings or any other above those
indicated in the operation sections of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
Supply Voltage (Vcc)……………….……...……..6.0V
All Other Pins…………. …….……………...…… 6.0V
Junction Temperature (TJ)……….…..…………120
oC
Storage Temperature…………….....-40°C to +100°C
Soldering Temperature……….….……………+235°C
RECOMMENDED OPERATING CONDITIONS
Supply Voltage (Vcc)………..…………...4.5V to 5.5V
Reference Voltage (VREF) ….……………1.9V to 2.3V
Operating temperature…….……………-20 to +85
oC
THERMAL SPECIFICATIONS
8-pin OPLGA (3 x 3.5mm) Package Thermal Resistance…………90
oC/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com