Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8251ARZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8251ARZ-R7
Description  12MHz 20V/us G=1,2,4,8 Programmable Gain iCMOS Instrumentation Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8251ARZ-R7 Datasheet(HTML) 8 Page - Analog Devices

  AD8251ARZ-R7 Datasheet HTML 1Page - Analog Devices AD8251ARZ-R7 Datasheet HTML 2Page - Analog Devices AD8251ARZ-R7 Datasheet HTML 3Page - Analog Devices AD8251ARZ-R7 Datasheet HTML 4Page - Analog Devices AD8251ARZ-R7 Datasheet HTML 5Page - Analog Devices AD8251ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8251ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8251ARZ-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD8251
Preliminary Technical Data
Rev. PrB | Page 8 of 8
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-BA
0.23
0.08
0.80
0.60
0.40
8°
0°
0.15
0.05
0.33
0.17
0.95
0.85
0.75
SEATING
PLANE
1.10 MAX
10
6
5
1
0.50 BSC
PIN 1
COPLANARITY
0.10
3.10
3.00
2.90
3.10
3.00
2.90
5.15
4.90
4.65
Figure 4. 10 Lead MSOP (RM) – Dimensions shown in millimeters
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
Table 6. Ordering Guide
AD00000 Products
Temperature Package
Package Description
Package Option
Branding
AD8251ARZ
–40°C to +85°C
10-Lead MSOP
RM-10
AD8251ARZ-RL
–40°C to +85°C
10-Lead MSOP
RM-10
AD8251ARZ-R7
–40°C to +85°C
10-Lead MSOP
RM-10
AD8251-EVAL
Evaluation Board



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com