Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7762 Datasheet(PDF) 21 Page - Analog Devices

Part # ADE7762
Description  Polyphase Energy Metering IC with Phase Drop Indication
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7762 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADE7762 Datasheet HTML 17Page - Analog Devices ADE7762 Datasheet HTML 18Page - Analog Devices ADE7762 Datasheet HTML 19Page - Analog Devices ADE7762 Datasheet HTML 20Page - Analog Devices ADE7762 Datasheet HTML 21Page - Analog Devices ADE7762 Datasheet HTML 22Page - Analog Devices ADE7762 Datasheet HTML 23Page - Analog Devices ADE7762 Datasheet HTML 24Page - Analog Devices ADE7762 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Preliminary Technical Data
ADE7762
Rev. PrB | Page 21 of 28
DIGITAL-TO-FREQUENCY CONVERSION
After multiplication, the digital output of the low-pass filter
contains the active power information of each phase. However,
since this LPF is not an ideal brick wall filter implementation, the
output signal also contains attenuated components at the line
frequency and its harmonics, that is, cos(hωt), where h = 1, 2, 3 ….
The magnitude response of the filter is given by
()
2
8
1
1
|
|
+
=
f
f
H
(10)
where the −3 dB cutoff frequency of the low-pass filter is 8 Hz.
For a line frequency of 50 Hz, this would give an attenuation of
the 2ω(100 Hz) component of approximately −22 dB. The
dominating harmonic is twice the line frequency, that is,
cos(2ωt), due to the instantaneous power signal. Figure 30
shows the instantaneous active power signal at the output of the
CF, which still contains a significant amount of instantaneous
power information, cos(2ωt).
This signal is then passed to the digital-to-frequency converter
where it is integrated (accumulated) over time to produce an
output frequency. This accumulation of the signal suppresses or
averages out any non-dc component in the instantaneous active
power signal.
The average value of a sinusoidal signal is zero. Thus, the
frequency generated by the ADE7762 is proportional to the
average active power. Figure 30 shows the digital-to-frequency
conversion for steady load conditions, that is, constant voltage
and current.
The frequency output CF varies over time, even under steady load
conditions (see Figure 30). This frequency variation is primarily
due to the cos(2ωt) components in the instantaneous active power
signal. The output frequency on CF can be up to 160× higher than
the frequency on F1 and F2. The higher output frequency is
generated by accumulating the instantaneous active power signal
over a much shorter time, while converting it to a frequency. This
shorter accumulation period means less averaging of the cos(2ωt)
component. Therefore, some of this instantaneous power signal
passes through the digital-to-frequency conversion.
Where CF is used for calibration purposes, the frequency counter
should average the frequency to remove the ripple and obtain a
stable frequency. If CF is being used to measure energy, for
example, in a microprocessor-based application, the CF output
should also be averaged to calculate power. Because the outputs F1
and F2 operate at a much lower frequency, significant averaging of
the instantaneous active power signal is carried out. The result is a
greatly attenuated sinusoidal content and a virtually ripple-free
frequency output on F1 and F2, which are used to measure energy
in a stepper-motor based meter.
LPF TO EXTRACT
REAL POWER
(DC TERM)
Σ
Σ
MULTIPLIER
LPF
MULTIPLIER
LPF
MULTIPLIER
LPF
Σ
DIGITAL-TO-
FREQUENCY
DIGITAL-TO-
FREQUENCY
F1
F2
CF
VA
IA
VB
IB
VC
IC
CF
TIME
F1
ω
cos(2
ωt)
ATTENUATED BY LPF
2
ω
FREQUENCY – RAD/S
2
V× I
0
INSTANTANEOUS REAL POWER SIGNAL
(FREQUENCY DOMAIN)
|X|
|X|
|X|
ABS
TIME
Figure 30. Active Power-to-Frequency Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com