Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OXUSB950 Datasheet(PDF) 1 Page - Oxford Semiconductor

Part # OXUSB950
Description  USB2.0 to Quad Serial Port Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXUSB950 Datasheet(HTML) 1 Page - Oxford Semiconductor

  OXUSB950 Datasheet HTML 1Page - Oxford Semiconductor OXUSB950 Datasheet HTML 2Page - Oxford Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.oxsemi.com
Connectivity for consumer electronics
PCI840
The PCI Parallel Port
Classic
1394
Firewire
USB 2.0
Evolving
Standards
PCI
Bus
Controller
EEPROM
Interface
Parallel
Port
The Oxford PCI840 integrates a comprehensive parallel port and bridge to PCI.
Key features
Key features
33MHz, 32-bit target PCI controller
Assurance of inter-operability.
IEEE1284 Parallel Port
Supports maximum data rate for
connection to printers, removable drives
and Industrial sub-systems.
Completes operations in one PCI frame
No PCI retries for maximum performance
Supports shared interrupts, and offers 12
Simple interface to many peripheral chips
multi-purpose I/O pins.
Single Chip solution
Low cost, low risk, quick time-to-market
Comprehensive Driver support
Simplifies product development
33MHz, 32-bit target PCI controller
Assurance of inter-operability.
IEEE1284 Parallel Port
Supports maximum data rate for
connection to printers, removable drives
and Industrial sub-systems.
Completes operations in one PCI frame
No PCI retries for maximum performance
Supports shared interrupts, and offers 12
Simple interface to many peripheral chips
multi-purpose I/O pins.
Single Chip solution
Low cost, low risk, quick time-to-market
Comprehensive Driver support
Simplifies product development


Similar Part No. - OXUSB950

ManufacturerPart #DatasheetDescription
logo
PLX Technology
OXUS931SE PLX-OXUS931SE Datasheet
159Kb / 2P
USB 2.0, eSATA to SATA Controller with Encryption
OXUS931SEFBAG PLX-OXUS931SEFBAG Datasheet
159Kb / 2P
USB 2.0, eSATA to SATA Controller with Encryption
More results

Similar Description - OXUSB950

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720130 NEC-UPD720130 Datasheet
316Kb / 44P
USB2.0 to IDE Bridge
logo
Oxford Semiconductor
OXUF924DSA OXFORD-OXUF924DSA Datasheet
65Kb / 2P
FireWire400, FireWire800 & USB2.0 to Dual SATA Bridge
logo
List of Unclassifed Man...
AU6390 ETC2-AU6390 Datasheet
435Kb / 19P
USB2.0 to ATA/ATAPI Bridge Controller
AU6391 ETC2-AU6391 Datasheet
673Kb / 22P
USB2.0 to ATA/ATAPI Bridge Controller
AU6395 ETC2-AU6395 Datasheet
740Kb / 22P
USB2.0 to SATA Bridge Controller
logo
PLX Technology
OXCB950 PLX-OXCB950 Datasheet
115Kb / 2P
32-bit PC card bridge to serial port
OXCF950B PLX-OXCF950B Datasheet
124Kb / 2P
16-bit PC card/CF bridge to serial port
OXPCIE954 PLX-OXPCIE954 Datasheet
188Kb / 2P
PCI Express to Quad Serial Port
OXUPCI954 PLX-OXUPCI954 Datasheet
505Kb / 3P
Universal PCI bridge to quad serial and parallel port
logo
Future Technology Devic...
FT4222HQ-C-R FTDI-FT4222HQ-C-R Datasheet
1Mb / 49P
USB2.0 to QuadSPI/I2C Bridge IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com