Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA700 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA700
Description  INA700 40-V, 16-Bit, I2C Output Digital Power Monitor in WCSP with EZShunt™ Technology
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA700 Datasheet HTML 9Page - Texas Instruments INA700 Datasheet HTML 10Page - Texas Instruments INA700 Datasheet HTML 11Page - Texas Instruments INA700 Datasheet HTML 12Page - Texas Instruments INA700 Datasheet HTML 13Page - Texas Instruments INA700 Datasheet HTML 14Page - Texas Instruments INA700 Datasheet HTML 15Page - Texas Instruments INA700 Datasheet HTML 16Page - Texas Instruments INA700 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Number of Conversions
0
2000
4000
6000
8000
10000
Conversion Time: 50 µs
Conversion Time: 1.052 ms
Conversion Time: 4.120 ms
Figure 7-7. Noise vs Conversion Time (Averaging = 1)
Number of Conversions
0
2000
4000
6000
8000
10000
Conversion Time: 50 µs
Conversion Time: 1.052 ms
Conversion Time: 4.120 ms
Figure 7-8. Noise vs Conversion Time (Averaging = 128)
Settings for the conversion time and number of conversions averaged impact the effective measurement
resolution. See ADC Output Data Rate and Noise Performance for more detailed information on how averaging
reduces noise and increases the effective number of bits (ENOB).
7.3.6 Integrated Precision Oscillator
The internal timebase of the device is provided by an internal oscillator that is trimmed to less than 0.5%
tolerance at room temperature. The precision oscillator is the timing source for ADC conversions, as well as
the time-count used for calculation of energy and charge. The digital filter response varies with conversion
time; therefore, the precise clock ensures filter response and notch frequency consistency across temperature.
On power up, the internal oscillator and ADC take roughly 300 µs to reach <1% error stability. After the clock
stabilizes, the ADC data output will be accurate to the electrical specifications provided in Specifications.
7.3.7 Multi-Alert Monitoring and Fault Detection
The INA700 includes a multipurpose, open-drain ALERT output pin that can be used to report multiple
diagnostics or as an indicator that the ADC conversion is complete when the device is operating in both
triggered and continuous conversion mode. The diagnostics listed in Table 7-1 are constantly monitored and can
be reported through the ALERT pin whenever the monitored output value crosses the associated out-of-range
threshold.
www.ti.com
INA700
SBOSAB4 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com