Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5310ACP-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5310ACP-R2
Description  120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5310ACP-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADL5310ACP-R2 Datasheet HTML 1Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 2Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 3Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 4Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 5Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 6Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 7Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 8Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADL5310
Rev. A | Page 5 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
24
1
2
3
4
5
6
18
17
16
15
14
13
23
22
21
20
19
7
8
9
10
11
12
PIN 1
INDICATOR
TOP VIEW
(Not to Scale)
ADL5310
DUAL LOG AMP
VSUM
INP1
IRF1
IRF2
INP2
VSUM
SCL1
BIN1
LOG1
LOG2
BIN2
SCL2
Figure 2. 24-Lead LFCSP Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Function
1, 6
VSUM
Guard Pin. Used to shield the INP1 and INP2 input current lines, and for optional adjustment of the input
summing node potentials. Pin 1 and Pin 6 are internally shorted.
2
INP1
Channel 1 Numerator Input. Accepts (sinks) photodiode current IPD1. Usually connected to photodiode anode
such that photocurrent flows into INP1.
3
IRF1
Channel 1 Denominator Input. Accepts (sinks) reference current, IRF1.
4
IRF2
Channel 2 Denominator Input. Accepts (sinks) reference current, IRF2.
5
INP2
Channel 2 Numerator Input. Accepts (sinks) photodiode current IPD2. Usually connected to photodiode anode
such that photocurrent flows into INP2.
7, 24
VREF
Reference Output Voltage of 2.5 V. Pin 7 and Pin 24 are internally shorted.
8, 9
VPOS
Positive Supply, (VP – VN) ≤ 12 V. Both pins must be connected externally.
10, 11, 20
VNEG
Optional Negative Supply, VN. These pins are usually grounded. For more details, see the General Structure and
Applications sections. All VNEG pins must be connected externally.
12
OUT2
Buffer Output for Channel 2.
13
SCL2
Buffer Amplifier Inverting Input for Channel 2.
14
BIN2
Buffer Amplifier Noninverting Input for Channel 2.
15
LOG2
Output of the Logarithmic Front End for Channel 2.
16
LOG1
Output of the Logarithmic Front End for Channel 1.
17
BIN1
Buffer Amplifier Noninverting Input for Channel 1.
18
SCL1
Buffer Amplifier Inverting Input for Channel 1.
19
OUT1
Buffer Output for Channel 1.
21, 22
COMM
Analog Ground. Pin 21 and Pin 22 are internally shorted.
23
VRDZ
Intercept Shift Reference Input. The top of a resistive divider network that offsets VLOG to position the
intercept. Normally connected to VREF; may also be connected to ground when bipolar outputs are to be
provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com