Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1175-3ARMZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADM1175-3ARMZ-R7
Description  Hot Swap Controller and Digital Power Monitor with Convert Pin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1175-3ARMZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADM1175-3ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADM1175-3ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADM1175-3ARMZ-R7 Datasheet HTML 18Page - Analog Devices ADM1175-3ARMZ-R7 Datasheet HTML 19Page - Analog Devices ADM1175-3ARMZ-R7 Datasheet HTML 20Page - Analog Devices ADM1175-3ARMZ-R7 Datasheet HTML 21Page - Analog Devices ADM1175-3ARMZ-R7 Datasheet HTML 22Page - Analog Devices ADM1175-3ARMZ-R7 Datasheet HTML 23Page - Analog Devices ADM1175-3ARMZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADM1175
Rev. 0 | Page 20 of 24
READ VOLTAGE AND/OR CURRENT DATA BYTES
The ADM1175 can be set up to provide information in three
different ways (see the Write Command Byte section). Depending
on how the device is configured, the following data can be read
out of the device after a conversion (or conversions).
Voltage and Current Readback
The ADM1175 digitizes both voltage and current. Three bytes
are read out of the device in the format shown in Table 12.
Table 12. Voltage and Current Readback Format
Byte
Contents
B7
B6
B5
B4
B3
B2
B1
B0
1
Voltage
MSBs
V11
V10
V9
V8
V7
V6
V5
V4
2
Current
MSBs
I11
I10
I9
I8
I7
I6
I5
I4
3
LSBs
V3
V2
V1
V0
I3
I2
I1
I0
Voltage Readback
The ADM1175 digitizes voltage only. Two bytes are read out of
the device in the format shown in Table 13.
Table 13. Voltage Only Readback Format
Byte Contents
B7
B6
B5 B4 B3 B2
B1
B0
1
Voltage MSBs
V11
V10 V9
V8
V7
V6
V5
V4
2
Voltage LSBs
V3
V2
V1
V0
0
0
0
0
Current Readback
The ADM1175 digitizes current only. Two bytes are read out of
the device in the format shown in Table 14.
Table 14. Current Only Readback Format
Byte Contents
B7
B6
B5 B4 B3 B2
B1
B0
1
Current MSBs
I11
I10
I9
I8
I7
I6
I5
I4
2
Current LSBs
I3
I2
I1
I0
0
0
0
0
The following series of events occurs when the master receives
three bytes (voltage and current data) from the slave device:
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address, followed by the
read bit (high).
3.
The addressed slave device asserts an acknowledge on SDA.
4.
The master receives the first data byte.
5.
The master asserts acknowledge on SDA.
6.
The master receives the second data byte.
7.
The master asserts an acknowledge on SDA.
8.
The master receives the third data byte.
9.
The master asserts a no acknowledge on SDA.
10. The master asserts a stop condition on SDA, and the
transaction ends.
For cases where the master is reading voltage only or current
only, only two data bytes are read. Step 7 and Step 8 are not
required.
S
SLAVE
ADDRESS
RA DATA 1
DATA 2
NP
DATA 3
A
A
12
3
4
5
6
7
8
9 10
Figure 38. Three-Byte Read from ADM1175
S
SLAVE
ADDRESS
RA
REGISTER
ADDRESS
NP
REGISTER
DATA
A
12
3
4
5
6
7 8
Figure 39. Two-Byte Read from ADM1175
Converting ADC Codes to Voltage and Current Readings
The following equations can be used to convert ADC codes
representing voltage and current from the ADM1175 12-bit
ADC into actual voltage and current values.
Voltage = (VFULLSCALE/4096) × Code
where:
VFULLSCALE = 6.65 (7:2 range) or 26.35 (14:1 range).
Code is the ADC voltage code read from the device (Bit V0
to V11).
Current = ((IFULLSCALE/4096) × Code)/Sense Resistor
where:
IFULLSCALE = 105.84 mV.
Code is the ADC current code read from the device (Bit I0
to Bit I11).
Read Status Register
A single register of status data can also be read from the
ADM1175.
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address followed by the
read bit (high).
3.
The addressed slave device asserts an acknowledge on SDA.
4.
The master receives the status byte.
5.
The master asserts an acknowledge on SDA.
S
SLAVE
ADDRESS
RA DATA 1 A
12
3
4
5
Figure 40. Status Read from ADM1175
Table 15 shows the ADM1175 status registers in detail. Note
that Bit 1, Bit 3, and Bit 5 are cleared by writing to Bit 4 of the
ALERT_EN register (CLEAR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com