Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV23C Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAV23C
Description  Dual high-voltage switching diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAV23C Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAV23C Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Nexperia
BAV23C
Dual high-voltage switching diodes
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BAV23C
SOT23
plastic, surface-mounted package; 3 terminals; 1.9 mm
pitch; 2.9 mm x 1.3 mm x 1 mm body
SOT23
7. Marking
Table 4. Marking codes
Type number
Marking code[1]
BAV23C
%V9
[1] % = placeholder for manufacturing site code
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VR
reverse voltage
-
200
V
VRRM
repetitive peak reverse
voltage
-
250
V
Single diode loaded
[1]
-
225
mA
IF
forward current
[2]
-
125
mA
IFRM
repetitive peak forward
current
-
625
mA
tp = 1 µs; square wave
[3]
-
9
A
tp = 100 µs; square wave
[3]
-
3
A
IFSM
non-repetitive peak
forward current
tp = 10 ms; square wave
[3]
-
1.7
A
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
[4]
-
250
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-65
150
°C
Tstg
storage temperature
-65
150
°C
[1] Single diode loaded.
[2] Double diode loaded.
[3] Tj = 25 °C prior to surge.
[4] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
BAV23C
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
1 April 2023
2 / 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com