Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW101S Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAW101S
Description  High voltage double diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAW101S Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAW101S Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAW101S Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAW101S Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAW101S Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAW101S Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAW101S Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAW101S Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAW101S Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAW101S Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Nexperia
BAW101S
High voltage double diode
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BAW101S
TSSOP6
plastic, surface-mounted package; 6 leads; 0.65 mm pitch;
2.1 mm x 1.25 mm x 0.95 mm body
SOT363
7. Marking
Table 4. Marking codes
Type number
Marking code[1]
BAW101S
K2%
[1] % = placeholder for manufacturing site code
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
-
300
V
VR
reverse voltage
-
600
V
-
300
V
VRRM
repetitive peak reverse
voltage
-
600
V
single diode loaded
[1]
-
250
mA
IF
forward current
double diode loaded
[1]
-
140
mA
IFRM
repetitive peak forward
current
-
625
mA
IFSM
non-repetitive peak
forward current
tp = 1 µs; square wave; Tj(init) = 25 °C
-
4.5
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
-
350
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-65
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 printed-circuit board, cathode-lead mounting pad = 1 cm².
BAW101S
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
1 October 2022
2 / 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com