Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9910
Description  1 GSPS 14-Bit, 3.3V CMOS Direct Digital Synthesizer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9910 Datasheet HTML 5Page - Analog Devices AD9910 Datasheet HTML 6Page - Analog Devices AD9910 Datasheet HTML 7Page - Analog Devices AD9910 Datasheet HTML 8Page - Analog Devices AD9910 Datasheet HTML 9Page - Analog Devices AD9910 Datasheet HTML 10Page - Analog Devices AD9910 Datasheet HTML 11Page - Analog Devices AD9910 Datasheet HTML 12Page - Analog Devices AD9910 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
PRELIMINARY TECHNICAL DATA
AD9910
Rev. PrD| Page 13 of 13
PR06464-0-10/06(PrD)
quency parameter, thereby increasing its affect on the DDS fre-
quency by a factor of 2. The FM Gain word effectively controls
the maximum frequency range spanned by the data word.
Table 2: Parallel port destination bits
Destination
Bits <1:0>
Data Word Parti-
tioning <17:2>
DDS Signal Control
Parameter
Remarks
00
<17:4>
14-bit amplitude parame-
ter (unsigned integer)
Amplitude scales from 0 to 1-2-14.
<3:0> are ignored.
01
<17:2>
16-bit phase parameter
(unsigned integer)
Phase offset ranges from 0 to 2π(1-2-16) radians.
10
<17:2>
32-bit frequency parame-
ter (unsigned integer)
The alignment of 16-bit data word with the 32-bit frequency pa-
rameter is controlled by a 4-bit FM Gain word in the programming
registers.
11
<17:10>
<9:2>
8 bits amplitude (un-
signed integer)
8 bits phase (unsigned
integer)
The MSB of the data word amplitude aligns with the MSB of the
DDS's 14-bit amplitude parameter. The 6 LSBs of the DDS's ampli-
tude parameter are assigned from bits <5:0> of the ASF register.
The resulting 14-bit word scales the amplitude from 0 to 1-2-14.
The MSB of the data word phase aligns with the MSB of the DDS's
16-bit phase parameter. The 8 LSBs of the DDS's phase parameter
are assigned from bits <7:0> of the POW register. The resulting 16-
bit word offsets the phase from 0 to 2π(1-2-16) radians.
Figure 7: Parallel data port modulation mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com