Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7761AARS-RL Datasheet(PDF) 23 Page - Analog Devices

Part # ADE7761AARS-RL
Description  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7761AARS-RL Datasheet(HTML) 23 Page - Analog Devices

Back Button ADE7761AARS-RL Datasheet HTML 16Page - Analog Devices ADE7761AARS-RL Datasheet HTML 17Page - Analog Devices ADE7761AARS-RL Datasheet HTML 18Page - Analog Devices ADE7761AARS-RL Datasheet HTML 19Page - Analog Devices ADE7761AARS-RL Datasheet HTML 20Page - Analog Devices ADE7761AARS-RL Datasheet HTML 21Page - Analog Devices ADE7761AARS-RL Datasheet HTML 22Page - Analog Devices ADE7761AARS-RL Datasheet HTML 23Page - Analog Devices ADE7761AARS-RL Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
ADE7761A
Rev. 0 | Page 23 of 24
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-150-AE
20
11
10
1
7.50
7.20
6.90
8.20
7.80
7.40
5.60
5.30
5.00
SEATING
PLANE
0.05 MIN
0.65 BSC
2.00 MAX
0.38
0.22
COPLANARITY
0.10
1.85
1.75
1.65
0.25
0.09
0.95
0.75
0.55
8°
4°
0°
Figure 36. 20-Lead Shrink Small Outline Package [SSOP]
(RS-20)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADE7761AARS
–40°C to +85°C
20-Lead Shrink Small Outline Package (SSOP)
RS-20
ADE7761AARS-RL
–40°C to +85°C
20-Lead Shrink Small Outline Package (SSOP)
RS-20
ADE7761AARSZ1
–40°C to +85°C
20-Lead Shrink Small Outline Package (SSOP)
RS-20
ADE7761AARSZ-RL1
–40°C to +85°C
20-Lead Shrink Small Outline Package (SSOP)
RS-20
ADE7761AARS-REF
Reference Board
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com