Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3Z22VT1G Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # MM3Z22VT1G
Description  Voltage regulator diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MM3Z22VT1G Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  MM3Z22VT1G Datasheet HTML 1Page - Nexperia B.V. All rights reserved MM3Z22VT1G Datasheet HTML 2Page - Nexperia B.V. All rights reserved MM3Z22VT1G Datasheet HTML 3Page - Nexperia B.V. All rights reserved MM3Z22VT1G Datasheet HTML 4Page - Nexperia B.V. All rights reserved MM3Z22VT1G Datasheet HTML 5Page - Nexperia B.V. All rights reserved MM3Z22VT1G Datasheet HTML 6Page - Nexperia B.V. All rights reserved MM3Z22VT1G Datasheet HTML 7Page - Nexperia B.V. All rights reserved MM3Z22VT1G Datasheet HTML 8Page - Nexperia B.V. All rights reserved MM3Z22VT1G Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Nexperia
MM3Z series
Voltage regulator diodes
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
IF
forward current
-
200
mA
PZSM
non-repetitive peak reverse power
dissipation
tp = 100 µs; square wave;
Tamb = 25 °C; prior to surge
-
-
40
W
Ptot
total power dissipation
Tamb = 25 °C
[1]
-
300
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB) , single-sided copper, tin-plated and standard footprint.
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from junction
to ambient
in free air
[1]
-
-
415
K/W
Rth(j-sp)
thermal resistance from junction
to solder point
[2]
-
-
110
K/W
[1] Device mounted on an FR4 Printed-Circuit Board (PCB) , single-sided copper, tin-plated and standard footprint.
[2] Soldering point of cathode tab
10. Characteristics
Table 7. Electrical characteristics
Tj = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Max
Unit
IF = 10 mA
[1]
0.9
V
VF
forward voltage
IF = 100 mA
[1]
1.1
V
[1] Pulse test: tp ≤ 300 μs; δ ≤ 0.02
MM3Z_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 2 — 21 February 2023
3 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com