Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7761AARSZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADE7761AARSZ
Description  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7761AARSZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADE7761AARSZ Datasheet HTML 16Page - Analog Devices ADE7761AARSZ Datasheet HTML 17Page - Analog Devices ADE7761AARSZ Datasheet HTML 18Page - Analog Devices ADE7761AARSZ Datasheet HTML 19Page - Analog Devices ADE7761AARSZ Datasheet HTML 20Page - Analog Devices ADE7761AARSZ Datasheet HTML 21Page - Analog Devices ADE7761AARSZ Datasheet HTML 22Page - Analog Devices ADE7761AARSZ Datasheet HTML 23Page - Analog Devices ADE7761AARSZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADE7761A
Rev. 0 | Page 21 of 24
APPLICATIONS
INTERFACING TO A MICROCONTROLLER FOR
ENERGY MEASUREMENT
The easiest way to interface the ADE7761A to a microcontroller
is to use the CF high frequency output with the output frequency
scaling set to 2048 × F1, F2. This is done by setting SCF = 0
and S0 = S1 = 1 (see Table 8). With full-scale ac signals on the
analog inputs, the output frequency on CF is approximately
5.5 kHz. Figure 35 illustrates one scheme that could be used to
digitize the output frequency and carry out the necessary
averaging mentioned in the Frequency Output CF section.
TIME
±10%
AVERAGE
FREQUENCY
CF
FREQUENCY
RIPPLE
MCU
UP/DOWN
COUNTER
LOGIC
CF
REVP1
ADE7761A
FAULT2
1REVP MUST BE USED IF THE METER IS BIDIRECTIONAL OR
DIRECTION OF ENERGY FLOW IS NEEDED.
2FAULT MUST BE USED TO RECORD ENERGY IN FAULT CONDITION.
Figure 35. Interfacing the ADE7761A to an MCU
As shown in Figure 35 the frequency output CF is connected to
an MCU counter or port, which counts the number of pulses in
a given integration time, determined by an MCU internal timer.
The average power, proportional to the average frequency, is
Timer
Counter
Power
Active
Average
Frequency
Average
=
=
The energy consumed during an integration period is
Counter
Time
Time
Counter
Time
Power
Average
Energy
=
×
=
×
=
For the purpose of calibration, this integration time could be
10 sec to 20 sec to accumulate enough pulses to ensure correct
averaging of the frequency. In normal operation, the integration
time could be reduced to 1 sec or 2 sec depending on, for
example, the required update rate of a display. With shorter
integration times on the MCU, the amount of energy in each
update may still have a small amount of ripple, even under
steady load conditions. However, over a minute or more, the
measured energy has no ripple.
SELECTING A FREQUENCY FOR AN ENERGY
METER APPLICATION
As shown in Table 6, the user can select one of four frequencies.
This frequency selection determines the maximum frequency
on F1 and F2. These outputs are intended to be used to drive
the energy register (electromechanical or other). Because only
four different output frequencies can be selected, the available
frequency selection was optimized for a meter constant of
100 impulses/kWh with a maximum current of between 10 A
and 120 A. Table 9 shows the output frequency for several
maximum currents (IMAX) with a line voltage of 240 V. In all
cases, the meter constant is 100 impulses/kWh.
Table 9. F1 and F2 Frequency at 100 Impulses/kWh
IMAX (A)
F1 and F2 (Hz)
12.5
0.083
25
0.166
40
0.266
60
0.4
80
0.533
120
0.8
The F1–4 frequencies allow complete coverage of this range of
output frequencies on F1 and F2. When designing an energy
meter, the nominal design voltage on Channel 2 (voltage)
should be set to half-scale to allow for calibration of the meter
constant. The current channel should also be no more than half-
scale when the meter sees maximum load, which accommodates
overcurrent signals and signals with high crest factors. Table 10
shows the output frequency on F1 and F2 when both analog
inputs are half-scale. The frequencies listed in Table 10 align
well with those listed in Table 9 for maximum load.
Table 10. F1 and F2 Frequency with Half-Scale AC Inputs
S0
S1
F1–4 (Hz)
Frequency on F1 and F2, Ch 1 and Ch 2,
Half-Scale AC Inputs (Hz)
0
0
1.72
0.085
0
1
3.44
0.17
1
0
6.86
0.34
1
1
13.5
0.68
When selecting a suitable F1–4 frequency for a meter design, the
frequency output at IMAX (maximum load) with a meter constant
of 100 impulses/kWh should be compared with Column 4 of
Table 10. The frequency that is closest in Table 10 determines
the best choice of frequency (F1-4). For example, if a meter with
a maximum current of 40 A is being designed, the output
frequency on F1 and F2 with a meter constant of 100 impulses
per kWh is 0.266 Hz at 40 A and 240 V (see Table 9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com