Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7769AR Datasheet(PDF) 11 Page - Analog Devices

Part # ADE7769AR
Description  Energy Metering IC with Integrated Oscillator and No-Load Indication
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7769AR Datasheet(HTML) 11 Page - Analog Devices

Back Button ADE7769AR Datasheet HTML 7Page - Analog Devices ADE7769AR Datasheet HTML 8Page - Analog Devices ADE7769AR Datasheet HTML 9Page - Analog Devices ADE7769AR Datasheet HTML 10Page - Analog Devices ADE7769AR Datasheet HTML 11Page - Analog Devices ADE7769AR Datasheet HTML 12Page - Analog Devices ADE7769AR Datasheet HTML 13Page - Analog Devices ADE7769AR Datasheet HTML 14Page - Analog Devices ADE7769AR Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADE7769
Rev. A | Page 11 of 20
(
)
∑
∞
≠
+
×
×
+
=
o
h
h
h
O
β
t
hω
I
I
t
i
sin
2
)
(
(3)
where:
i(t) is the instantaneous current.
I0 is the dc component.
Ih is the rms value of current harmonic h.
is the phase angle of the current harmonic.
h
β
Using Equations 2 and 3, the real power (P) can be expressed in
terms of its fundamental real power (P1) and harmonic real
power (PH) as P = P1 + PH
where:
(4)
1
1
1
1
I
V
P
φ
cos
×
=
1
1
1
β
α
φ
−
=
and
h
h
1
h
h
H
I
V
P
φ
cos
×
=
∑
∞
≠
(5)
h
h
h
β
α
φ
−
=
In Equation 5, a harmonic real power component is generated
for every harmonic, provided that harmonic is present in both
the voltage and current waveforms. The power factor calcu-
lation has previously been shown to be accurate in the case of a
pure sinusoid. Therefore, the harmonic real power must also
correctly account for the power factor because it is made up of
a series of pure sinusoids.
Note that the input bandwidth of the analog inputs is 7 kHz at
the nominal internal oscillator frequency of 450 kHz.
ANALOG INPUTS
Channel V1 (Current Channel)
The voltage output from the current sensor is connected to the
ADE7769 here. Channel V1 is a fully differential voltage input.
V1P is the positive input with respect to V1N.
The maximum peak differential signal on Channel V1 should
be less than ±30 mV (21 mV rms for a pure sinusoidal signal)
for specified operation.
+30mV
–30mV
VCM
V1
DIFFERENTIAL INPUT
±30mV MAX PEAK
COMMON-MODE
±6.25mV MAX
V1P
V1N
V1
VCM
AGND
Figure 17. Maximum Signal Levels, Channel V1
Figure 17 shows the maximum signal levels on V1P and V1N.
The maximum differential voltage is ±30 mV. The differential
voltage signal on the inputs must be referenced to a common
mode, for example, AGND. The maximum common-mode
signal is ±6.25 mV, as shown in Figure 17.
Channel V2 (Voltage Channel)
The output of the line voltage sensor is connected to the
ADE7769 at this analog input. Channel V2 is a fully differential
voltage input with a maximum peak differential signal of
±165 mV. Figure 18 shows the maximum signal levels that can
be connected to the ADE7769 Channel V2.
+165mV
–165mV
VCM
V2
DIFFERENTIAL INPUT
±165mV MAX PEAK
COMMON-MODE
±25mV MAX
V2P
V2N
V2
VCM
AGND
Figure 18. Maximum Signal Levels, Channel V2
Channel V2 is usually driven from a common-mode voltage,
that is, the differential voltage signal on the input is referenced
to a common mode (usually AGND). The analog inputs of the
ADE7769 can be driven with common-mode voltages of up to
25 mV with respect to AGND. However, best results are
achieved using a common mode equal to AGND.
Typical Connection Diagrams
Figure 19 shows a typical connection diagram for Channel V1.
A shunt is the current sensor selected for this example because
of its low cost compared to other current sensors, such as the
current transformer (CT). This IC is ideal for low current meters.
V1P
V1N
CF
CF
RF
RF
±30mV
SHUNT
AGND
PHASE
NEUTRAL
Figure 19. Typical Connection for Channel V1
Figure 20 shows a typical connection for Channel V2. Typically,
the ADE7769 is biased around the phase wire, and a resistor
divider is used to provide a voltage signal that is proportional to
the line voltage. Adjusting the ratio of RA, RB, and R
B
F
is also a
convenient way of carrying out a gain calibration on a meter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com