Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3Z68VT1G Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # MM3Z68VT1G
Description  Voltage regulator diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MM3Z68VT1G Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button MM3Z68VT1G Datasheet HTML 3Page - Nexperia B.V. All rights reserved MM3Z68VT1G Datasheet HTML 4Page - Nexperia B.V. All rights reserved MM3Z68VT1G Datasheet HTML 5Page - Nexperia B.V. All rights reserved MM3Z68VT1G Datasheet HTML 6Page - Nexperia B.V. All rights reserved MM3Z68VT1G Datasheet HTML 7Page - Nexperia B.V. All rights reserved MM3Z68VT1G Datasheet HTML 8Page - Nexperia B.V. All rights reserved MM3Z68VT1G Datasheet HTML 9Page - Nexperia B.V. All rights reserved MM3Z68VT1G Datasheet HTML 10Page - Nexperia B.V. All rights reserved MM3Z68VT1G Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Nexperia
MM3Z series
Voltage regulator diodes
0
60
0
- 2
- 3
- 1
mgl273
20
40
IZ (mA)
SZ
(mV/K)
4.3
3.9
3.6
3.3
3.0
2.4
2.7
Tj = 25 °C to 150 °C
VZ = 2.4 V to 4.3 V
Fig. 5. Temperature coefficient as a function of
working current; typical values (MM3Z2V4T1G
to 4V3T1G)
0
20
16
10
0
- 5
5
mgl274
4
8
12
IZ (mA)
SZ
(mV/K)
4.7
12
11
10
9.1
8.2
7.5
6.8
6.2
5.6
5.1
Tj = 25 °C to 150 °C
VZ = 4.7 V to 12 V
Fig. 6. Temperature coefficient as a function of
working current; typical values (MM3Z4V7T1G
to 12VT1G)
aaa-032523
10-4
10-5
10-2
10-3
10-1
IR
(A)
10-6
VR (V)
0
5
4
2
3
1
2.7
3.0
3.3
3.6
3.9
4.3
2.4
Tj = 25 °C
Fig. 7. Reverse current as a function of reverse
voltage; typical values (MM3Z2V4T1G to
4V3T1G)
aaa-032524
10-4
10-5
10-2
10-3
10-1
IR
(A)
10-6
VR (V)
0
14
10
12
8
6
2
4
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
4.7
Tj = 25 °C
Fig. 8. Reverse current as a function of reverse
voltage; typical values (MM3Z4V7T1G to
12VT1G)
MM3Z_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 2 — 21 February 2023
7 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com