Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39012/80B3003 Datasheet(PDF) 38 Page - ITT Industries

Part # M39012/80B3003
Description  RF Coaxial Connectors
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

M39012/80B3003 Datasheet(HTML) 38 Page - ITT Industries

Back Button M39012/80B3003 Datasheet HTML 34Page - ITT Industries M39012/80B3003 Datasheet HTML 35Page - ITT Industries M39012/80B3003 Datasheet HTML 36Page - ITT Industries M39012/80B3003 Datasheet HTML 37Page - ITT Industries M39012/80B3003 Datasheet HTML 38Page - ITT Industries M39012/80B3003 Datasheet HTML 39Page - ITT Industries M39012/80B3003 Datasheet HTML 40Page - ITT Industries M39012/80B3003 Datasheet HTML 41Page - ITT Industries M39012/80B3003 Datasheet HTML 42Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
139
Assy Insts
RF Coaxial Connectors
Assembly Instructions
BBAI-1243
QTTM 75
BNC Plug for Braided Cable
Cable
Cap Color
Cable Code
Die Size
Combined Assembly/
Crimp Tool Part Number
735A
Red
9019
4,52 (.178)
050-000-0030020
734
Dark Blue
9029
6,48 (.255)
050-000-0030040
M17/29-RG59/U
Light Blue
9039
6,48 (.255)
050-000-0030040
1694A
Black
9049
7,72 (.304)
050-000-0030010
CRIMP FERRULE
PLUG ASSEMBLY
ASSEMBLY TOOL
1. Prepare cable using a suitable stripping tool to the dimensions shown, being careful not to damage
the braid, dielectric, foil or inner conductor.
NOTE: Do not attempt to mate unterminated connectors.
2. ENSURE THAT THE INNER CONDUCTOR IS STRAIGHT.
After removal of the assembly tool from the crimp barrel (if fitted), slide crimp ferrule over the cable
sheath. Fit the plug assembly onto the cable so that the crimp barrel slides between the
dielectric/foil and the braid (gently twisting and rocking the plug assembly to spread the braid will
help). Care must be taken to ensure that no strands of braid are trapped under the body. The cable
must be inserted until the dielectric can be felt butting against the rear insulator.
3. Supporting the cable and plug asembly in one hand, press the front insulator fully home using the
assembly tool provided. A light pull on the cable will confirm the captivation of the center
conductor.
4. Slide the ferrule over braid until it butts up to the back of the connector. Crimp in position using an
ITT Cannon Crimp Tool and suitable die set (See table).
Alternative method, using combined assembly/crimp tool
Load the connector assembly into the combined assembly/crimp tool (see table) making sure that
the center pin is aligned with the hole in the dielectric bushing and the ferrule aligned in the die.
Close tool handles until ratchet releases. Allow tool handles to return to the open position and
remove crimped connector assembly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com