Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1221 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SA1221
Description  SILICON TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1221 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SA1221 Datasheet HTML 1Page - Renesas Technology Corp 2SA1221 Datasheet HTML 2Page - Renesas Technology Corp 2SA1221 Datasheet HTML 3Page - Renesas Technology Corp 2SA1221 Datasheet HTML 4Page - Renesas Technology Corp 2SA1221 Datasheet HTML 5Page - Renesas Technology Corp 2SA1221 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1998
©
Document No. D16143EJ1V0DS00
Date Published April 2002 N CP(K)
Printed in Japan
SILICON TRANSISTORS
2SA1221, 1222
PNP SILICON EPITAXIAL TRANSISTOR
FOR LOW-FREQUENCY POWER AMPLIFIERS
DATA SHEET
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
FEATURES
•
Ideal for use of high withstanding voltage current such as TV
vertical deflection output, audio output, and variable power
supplies.
•
Complementary transistor with 2SC2958 and 2SC2959
VCEO = 140 V: 2SA1221/2SC2958
VCEO = 160 V: 2SA1222/2SC2959
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
−160
V
Collector to emitter voltage
VCEO
−140/–160
V
Emitter to base voltage
VEBO
−5.0
V
Collector current (DC)
IC(DC)
−500
mA
Collector current (pulse)
IC(pulse)*
−1.0
A
Total power dissipation
PT
1.0
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
*PW
≤ 10 ms, duty cycle ≤ 50%
PACKAGE DRAWING (UNIT: mm)
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB =
−100 V, IE = 0
−200
nA
Emitter cutoff current
IEBO
VEB =
−5.0 V, IC = 0
−200
nA
DC current gain
hFE **
VCE =
−2.0 V, IC = −100 mA
100
150
400
DC base voltage
VBE **
VCE =
−5.0 V, IC = −20 mA
−0.6
−0.64
−0.7
V
Collector saturation voltage
VCE(sat) **
IC =
−1.0 A, IB = −0.2 A
−0.6
−0.9
V
Base saturation voltage
VBE(sat) **
IC =
−1.0 A, IB = −0.2 A
−1.1
−0.3
V
Output capacitance
Cob
VCB =
−10 V, IE = 0, f = 1.0 MHz
24
40
pF
Gain bandwidth product
fT
VCE =
−10 V, IE = 20 mA
30
45
MHz
** Pulse test PW
≤ 350
µs, duty cycle ≤ 2% per pulsed



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com