Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD76F0018 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD76F0018
Description  MOS INTEGRATED CIRCUIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD76F0018 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD76F0018 Datasheet HTML 17Page - Renesas Technology Corp UPD76F0018 Datasheet HTML 18Page - Renesas Technology Corp UPD76F0018 Datasheet HTML 19Page - Renesas Technology Corp UPD76F0018 Datasheet HTML 20Page - Renesas Technology Corp UPD76F0018 Datasheet HTML 21Page - Renesas Technology Corp UPD76F0018 Datasheet HTML 22Page - Renesas Technology Corp UPD76F0018 Datasheet HTML 23Page - Renesas Technology Corp UPD76F0018 Datasheet HTML 24Page - Renesas Technology Corp UPD76F0018 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
21
Data Sheet U14832EE2V1DS00
µPD76F0018
3.6 AC Characteristics
3.6.1 General
(TA = -40 ~ +85°C, VDD5x = 4.5 V ~ 5.5 V, VSS5x = 0 V, Output pin load capacitance: CL= 50 pF)
Figure 3-3:
AC Test Input/Output Waveform, AC Test Load Condition
3.6.2 Clock
Figure 3-4:
Clock AC Characteristics
Table 3-8:
Clock AC Characteristics
Parameter
Symbol
Test Conditions
MIN.
MAX.
Unit
CLOCKIN input cycle
tCYCI
Direct Mode
25
125
ns
CLOCKIN input high-level width
tWCIH
Direct Mode
12
ns
CLOCKIN input low-level width
tWCIL
Direct Mode
12
ns
Test Points
0.8 VDD5
0.2 VDD5
VDD5
0 V
DUT
Load on test
CL=50pF
tWCIH
tCYCI
tWCIL
CLOCKIN
(Direct mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com